Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS1845016G-AT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APS1845016G-AT
Description  Serial ATA Flash Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS1845016G-AT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APS1845016G-AT Datasheet HTML 7Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 8Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 9Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 10Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 11Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 12Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 13Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 14Page - List of Unclassifed Manufacturers APS1845016G-AT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Serial ATA Flash Drive
APS1845xxxx-AXX
10
© 2011 Apacer Technology Inc.
Rev. 1.0
4. Environmental Specifications
4.1
Environments
SAFD18S4 environmental specifications follow the US Military Standard MIL-STD-810F, as shown in below
table.
Table 4-1 SAFD18S4 environmental specifications
Environment
Specification
0°C to 70°C (Operating), -40°C to 85°C (operating-extended)
Temperature
-40°C to 100°C (Non-operating)
Humidity
5% to 95% RH (Non-condensing)
Vibration
Sine wave :
15(G), 10~2000(Hz),
Random :
7.7(Grms), 20~2000(Hz)
Shock – Operating
Acceleration: 1,500 G, 0.5 ms
Peak acceleration: 50 G, 11 ms
4.2
Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components in
SAFD drive. Although many component of MTBF are given in databases and often these values are not really
accurate, the prediction result for the SAFD18S4 is more than 2,000,000 hours.
Notes about the MTBF:
The MTBF is predicated and calculated based on “Telcordia Technologies Special Report, SR-332, Issue 2”
method.
4.3
Certification and Compliance
SAFD18S4 complies with the following standards:
CE – EN55022/55024
FCC 47CFR Part15 Class B
RoHS
MIL-STD-810F
SATA II (SATA Rev. 2.6)
Up to ATA/ATAPI-7 ( including S.M.A.R.T.)


Similar Part No. - APS1845016G-AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS1845016G-ACM ETC2-APS1845016G-ACM Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845016G-ACM ETC2-APS1845016G-ACM Datasheet
764Kb / 20P
   Serial ATA Flash Drive SAFD18S4 -M Product Specifications
APS1845016G-ACM ETC2-APS1845016G-ACM Datasheet
760Kb / 21P
   Serial ATA Flash Drive
APS1845016G-ACMW ETC2-APS1845016G-ACMW Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845016G-ACMW ETC2-APS1845016G-ACMW Datasheet
764Kb / 20P
   Serial ATA Flash Drive SAFD18S4 -M Product Specifications
More results

Similar Description - APS1845016G-AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com