Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWL01G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FWL01G
Description  FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FWL01G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FWL01G Datasheet HTML 1Page - EIC discrete Semiconductors FWL01G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FWL005G - FWL10G )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
FORWARD VOLTAGE, VOLTS
60 Hz, Resistive or Inductive load.
0.8
0.4
0.2
1.0
10
10
1.0
24
0
30
0
12
6
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
SINGLE HALF SINE WAVE
(JEDEC METHOD)
TJ = 55
°C
TJ = 100
°C
TJ = 25
°C
18
0.6
0.375(9.5mm)
Copper Pads
0.22" x 0.22"
(5.5 x5.5mm)
PC Board
20
SET TIME BASE FOR 50/100 ns/cm
Trr
+ 0.5 A
0
- 0.25
- 1.0 A
1 cm
OSCILLOSCOPE
( NOTE 1 )
1
50
10
D.U.T.
50 Vdc
(approx)
PULSE
GENERATOR
( NOTE 2 )


Similar Part No. - FWL01G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FWL01G EIC-FWL01G Datasheet
83Kb / 2P
   FAST RECOVERY GLASS
More results

Similar Description - FWL01G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152_17 Datasheet
367Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_V01 Datasheet
523Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F_V01 Datasheet
558Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
20Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW005G EIC-FW005G Datasheet
20Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
RABS152 CHENDA-RABS152 Datasheet
292Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2 Datasheet
246Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_17 Datasheet
321Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
F2W005G-F2W10G EIC-F2W005G-F2W10G Datasheet
60Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FB40 EIC-FB40 Datasheet
45Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com