Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS1845008G-AT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # APS1845008G-AT
Description  Serial ATA Flash Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS1845008G-AT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button APS1845008G-AT Datasheet HTML 6Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 7Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 8Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 9Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 10Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 11Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 12Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 13Page - List of Unclassifed Manufacturers APS1845008G-AT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Serial ATA Flash Drive
APS1845xxxx-AXX
9
© 2011 Apacer Technology Inc.
Rev. 1.0
3.6
S.M.A.R.T.
S.M.A.R.T. is an acronym for Self-Monitoring, Analysis and Reporting Technology, an open standard allowing
disk drives to automatically monitor their own health and report potential problems. It protects the user from
unscheduled downtime by monitoring and storing critical drive performance and calibration parameters. Ideally,
this should allow taking proactive actions to prevent impending drive failure.
Apacer SAFD18S4 uses the standard SMART command B0h to read data from the drive for SMART feature
as the SATA Rev.2.6 ATA/ATAPI-7 specifications. Based on the SFF-8035i Rev. 2.0 specifications, Apacer
SMART defines vendor-specified SMART Attribute IDs (A0h, A1h, A2h, A3h, A4h-A5h) in SAFD18S4. They
represent initial back block count, bad block count, spare block count, maximum erase count, and average
erase counts respectively. When the Apacer SMART Utility running on the host, it analyzes and reports the
disk status to the host before SAFD18S4 is in critical condition.
3.7
TRIM
Made of millions of NAND flash cells, SSD can be written into groups called pages in 4K size generally, but
can only be erased in larger groups called blocks of 128 pages or 512KB. These stipulations are partially the
source of many performance issues. Until an address gets used again, the SSD has to keep track of every
last bit of data that’s written on it. The ATA-TRIM instruction tilts the balance in favor of the SSD. TRIM
addresses a major part of the performance degradation issue over time that plagues all SSDs. A TRIM
enabled drive running an OS with TRIM support will stay closer to its peak performance over time.


Similar Part No. - APS1845008G-AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS1845008G-ACM ETC2-APS1845008G-ACM Datasheet
317Kb / 20P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM Datasheet
764Kb / 20P
   Serial ATA Flash Drive SAFD18S4 -M Product Specifications
APS1845008G-ACM ETC2-APS1845008G-ACM Datasheet
760Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
More results

Similar Description - APS1845008G-AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com