Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR21GD1004702 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NFR21GD1004702
Description  EMIFILr (RC Combined) Single Circuit Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFR21GD1004702 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NFR21GD1004702 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (RC Combined) > Single Circuit Type
2011.11.2
oThis data sheet is applied for RC Combined CHIP EMIFILr used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Capacitance
Resistance
Rated Current
Rated Voltage
Insulation Resistance (min.)
Operating
Temperature Range
NFR21GD1016802
p
100pF ±20%
68ohm ±30%
30mA
50Vdc
1000M ohm
-40 to +85°C
NFR21GD1011012
p
100pF ±20%
100ohm ±30%
25mA
50Vdc
1000M ohm
-40 to +85°C
Number of Circuit: 1
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current and
rated voltage as this may create excessive heat
and deteriorate the insulation resistance.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - NFR21GD1004702

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFR21GD1004702 MURATA-NFR21GD1004702 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - NFR21GD1004702

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNX022-01 MURATA-BNX022-01 Datasheet
50Kb / 2P
   Block Type EMIFILr LC Combined Type
NFE31P MURATA-NFE31P Datasheet
48Kb / 2P
   Chip EMIFILr LC Combined Type
BNX012-01 MURATA-BNX012-01 Datasheet
55Kb / 2P
   Block Type EMIFILr LC Combined Type
BNX016-01 MURATA-BNX016-01 Datasheet
55Kb / 2P
   Block Type EMIFILr LC Combined Type
BNX022-01L MURATA-BNX022-01L Datasheet
50Kb / 2P
   Block Type EMIFILr LC Combined Type
NFM18PC105R0J3D MURATA-NFM18PC105R0J3D Datasheet
104Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC225B0J3D MURATA-NFM18PC225B0J3D Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFL18ST207X1C3D MURATA-NFL18ST207X1C3D Datasheet
32Kb / 1P
   EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size)
NFM21PC MURATA-NFM21PC Datasheet
100Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com