Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS25P6B128G-CC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APS25P6B128G-CC
Description  Serial ATA Flash Drive
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS25P6B128G-CC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APS25P6B128G-CC Datasheet HTML 7Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 8Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 9Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 10Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 11Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 12Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 13Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 14Page - List of Unclassifed Manufacturers APS25P6B128G-CC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Serial ATA Flash Drive
APS25P6Bxxxx- CXx
10
© 2011 Apacer Technology Inc.
Rev. 1.5
3. Flash Management
3.1
Error Correction/Detection
SAFD 25P implements hardware ECC scheme based on the BCH algorithm which can detect and correct up
to 16 bits or 24 bits error in 1024 bytes.
3.2
Bad Block Management
Although bad blocks on the flash media are already identified by the flash manufacturer, they can also be
accumulated over time during operation. SAFD 25P’s controller maintains a table that lists those normal
blocks with disk data, the free blocks for wear leveling, and bad blocks with errors. When a normal block is
detected broken, it is replaced with a free block and listed as a bad block. When a free block is detected
broken, it is then removed from the free block list and marked as a bad block.
During device operation, this ensures that newly accumulated bad blocks are transparent to the host. The
device will stop file write service once there are only two free blocks left such that the read function is still
available for copying the files from the disk into another.
3.3
Wear Leveling
The NAND flash devices are limited by a certain number of write cycles. When using a FAT-based file system,
frequent FAT table updates are required. If some area on the flash wears out faster than others, it would
significantly reduce the lifetime of the whole SSD, even if the erase counts of others are far from the write
cycle limit. Thus, if the write cycles can be distributed evenly across the media, the lifetime of the media can
be prolonged significantly. This scheme is called wear leveling.
Apacer’s wear-leveling scheme is achieved both via buffer management and global wear leveling. They both
ensure that the lifetime of the flash media can be increased, and the disk access performance is optimized as
well.
3.4
Power Failure Management
The Low Power Detection on the controller initiates crucial data saving before the power supplied to the
device is too low. This feature prevents the device from crash and ensures data integrity during an
unexpected power-off.
3.5
ATA Secure Erase
Accomplished by the Secure Erase (SE) command, which added to the open ANSI standards that control disk
drives, “ATA Secure Erase” is built into the disk drive itself and thus far less susceptible to malicious software
attacks than external software utilities. It is a positive easy-to-use data destroy command, amounting to
electronic data shredding. Executing the command causes a drive to internally completely erase all possible
user data. This command is carried out within disk drives, so no additional software is required. Once
executed, neither data nor the erase counter on the device would be recoverable, which blurs the accuracy of
device lifespan. The process to erase will not be stopped until finished while encountering power failure, and
will be continued when power is back on.


Similar Part No. - APS25P6B128G-CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25P6B128G-CCM ETC2-APS25P6B128G-CCM Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS25P6B128G-CCMW ETC2-APS25P6B128G-CCMW Datasheet
293Kb / 21P
   Serial ATA Flash Drive
More results

Similar Description - APS25P6B128G-CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com