Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS18P6A064G-CCMW Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # APS18P6A064G-CCMW
Description  Serial ATA Flash Drive
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS18P6A064G-CCMW Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button APS18P6A064G-CCMW Datasheet HTML 2Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 3Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 4Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 5Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 6Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 7Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 8Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 9Page - List of Unclassifed Manufacturers APS18P6A064G-CCMW Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Serial ATA Flash Drive
APS18P6Axxxx-CCMXX
5
© 2011 Apacer Technology Inc.
Rev. 1.3
1.6
Pin Assignments
Table 1-3 describes SAFD 18P-M signal segment, and Table1-4, its power segment.
Figure 1-2 Micro-SATA Connectors
Table 1-3 Signal segment
Table 1-4 Power segment
Name
Type
Description
Pin
Type
Signal/Description
S1
GND
P1
V33
3.3 V Power
S2
RxP
+ Differential Receive Signal
P2
V33
3.3 V Power
S3
RxN
- Differential Receive Signal
P3
GND
S4
GND
P4
GND
S5
TxN
- Differential Transmit Signal
P5
V5
5 V Power
S6
TxP
+ Differential Transmit Signal
P6
V5
5 V Power
S7
GND
P7
GND
Ground/Reserved
P8
Optional
NC
P9
Optional
NC
Signal Segment
Pin S1
Power Segment
Pin P1


Similar Part No. - APS18P6A064G-CCMW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS18P6A064G-CC ETC2-APS18P6A064G-CC Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A064G-CCL ETC2-APS18P6A064G-CCL Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A064G-CCW ETC2-APS18P6A064G-CCW Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A064G-CCWL ETC2-APS18P6A064G-CCWL Datasheet
247Kb / 22P
   Serial ATA Flash Drive
More results

Similar Description - APS18P6A064G-CCMW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com