Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-92-2060 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15-92-2060
Description  1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm PC Tail Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

15-92-2060 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15-92-2060 Datasheet HTML 1Page - Molex Electronics Ltd. 15-92-2060 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-92-2060
Status:
Active
Overview:
EBBI™ 50D
Description:
1.27mm Pitch EBBI™ 50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm PC Tail
Length
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
71661
Application
Board-to-Board, Signal, Wire-to-Board
Overview
EBBI™ 50D
Product Name
EBBI™
UPC
800754397711
Physical
Breakaway
No
Circuits (Loaded)
60
Circuits (maximum)
60
Color - Resin
Black
Durability (mating cycles max)
2,000
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
3.670/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.40mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
1.27mm
Pitch - Termination Interface
1.27mm
Plating min - Mating
0.762µm
Plating min - Termination
1.905µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71661Series
Mates With
EBBI™ 50D Receptacle 71660 , 87552


Similar Part No. - 15-92-2060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-92-2068 MOLEX9-15-92-2068 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 3.40mm PC Tail Length
More results

Similar Description - 15-92-2060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-92-2050 MOLEX9-15-92-2050 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 3.40mm PC Tail Length
15-92-2040 MOLEX9-15-92-2040 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 3.40mm PC Tail Length
15-92-2120 MOLEX9-15-92-2120 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 120 Circuits, 3.40mm PC Tail Length
15-92-2080 MOLEX9-15-92-2080 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 3.40mm PC Tail Length
15-92-2130 MOLEX9-15-92-2130 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 130 Circuits, 3.40mm PC Tail Length
15-92-2068 MOLEX9-15-92-2068 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 3.40mm PC Tail Length
15-92-2100 MOLEX9-15-92-2100 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 100 Circuits, 3.40mm PC Tail Length
0015922060 MOLEX2-0015922060 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm (.134) PC Tail Length
0716611561 MOLEX8-0716611561 Datasheet
203Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, with Latch, 60 Circuits, 3.40mm(.134") PC Tail Length
0015922120 MOLEX2-0015922120 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 120 Circuits, 3.40mm (.134) PC Tail Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com