Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6132BMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP6132BMNR2G
Description  Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6132BMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP6132BMNR2G Datasheet HTML 1Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 2Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 3Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 4Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 5Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 6Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 7Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 8Page - ON Semiconductor NCP6132BMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
NCP6132A, NCP6132B
http://onsemi.com
3
ROSC
VRMP
VRDY
SCLK
VRHOT#
SDIO
ALERT#
VCC
SW1
HG1
BST1
VDDBP
VSP
BSTA
PVCC
HGA
SWA
LGA
BST2
HG2
SW2
LG2
PGND
VSN
LG1
VBOOT
PWMA
DIFF
EN
Tab: GND
VRDYA
1
60
15
16
46
45
31
30
NCP6132A/NCP6132B
Figure 2. QFN60 Pin Diagram
Table 1. QFN60 PIN LIST DESCRIPTION
Pin
No.
Symbol
Description
1
VCC
Power for the internal control circuits. A decoupling capacitor is connected from this pin to ground.
2
VDDBP
Digital Logic power. Connect this pin to VCC with 10 W. Connect 0.1 mF capacitor from this pin to
ground
3
VRDYA
Open drain output. High indicates that the aux output is regulating.
4
EN
Logic input. Logic high enables both outputs and logic low disables both outputs.
5
SDIO
Serial VID data interface.
6
ALERT#
Serial VID ALERT#.
7
SCLK
Serial VID clock.
8
VBOOT
A resistor to GND on this pin sets the Core and Aux Boot−up Voltage
9
ROSC
A resistance from this pin to ground programs the oscillator frequency. This pin supplies a trimmed
output voltage of 2 V.
10
VRMP
Feed−forward input of Vin for the ramp slope compensation. The current fed into this pin is used to
control of the ramp of PWM slope
11
VRHOT#
Thermal logic output for over temperature.
12
VRDY
Open drain output. High indicates that the core output is regulating.
13
VSN
Inverting input to the core differential remote sense amplifier.
14
VSP
Non−inverting input to the core differential remote sense amplifier.
15
DIFF
Output of the core differential remote sense amplifier.
16
TRBST#
Compensation pin for the load transient boost.
17
FB
Error amplifier voltage feedback for core output
18
COMP
Output of the error amplifier and the inverting inputs of the PWM comparators for the core output.
19
IOUT
Total output current monitor for core output. Short it to GND if IMON function is not needed.
20
ILIM
Over current shutdown threshold setting for core output. Resistor to CSCOMP to set threshold.
21
DROOP
Used to program droop function for core output. It’s connected to the resistor divider placed between
CSCOMP and CSREF summing node.
22
CSCOMP
Output of total current sense amplifier for core output.


Similar Part No. - NCP6132BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132B ONSEMI-NCP6132B Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
More results

Similar Description - NCP6132BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132ADMNR2G ONSEMI-NCP6132ADMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP6153MNTWG ONSEMI-NCP6153MNTWG Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
October, 2012 ??Rev. 1
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81142 ONSEMI-NCP81142 Datasheet
321Kb / 21P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2018 - Rev. 3
NCP6151 ONSEMI-NCP6151 Datasheet
561Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
Rev1, 032012
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
   82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com