Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-FM004GL2005S-EDT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-FM004GL2005S-EDT
Description  ATA Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM004GL2005S-EDT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-FM004GL2005S-EDT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-FM004GL2005S-EDT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ATA-Disk Module 4
AP-FMxxxxL20XXS-XXXXT
6
© 2011 Apacer Technology Inc.
Rev. 1.1
4. Capacity Specification
Capacity specification of the ATA-Disk Module (ADM) product family is available as shown in Table 4-1. It
lists the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
Cylinders
Heads
Sectors
Max LBA
1 GB
979,034,112
1986
16
63
1,912,176
2 GB
1,958,584,320
3969
16
63
3,825,360
4 GB
3,917,168,640
7937
16
63
7,650,720
8 GB
7,682,605,056
14886
16
63
15,005,088
16 GB
15,521,009,664
16383*
16
63
30,314,472
*CYLINDERS, HEADS OR SECTORS ARE NOT APPLICABLE FOR THESE CAPACITIES. ONLY LBA ADDRESSING APPLIES
4.1 Performance Specification
Performances* of the ATA-Disk Module are listed in below tables.
Table 4-2: Standard SLC Performance specifications
Capacity
Performance
1 GB
2 GB
4 GB
8 GB
16 GB
Sustained read (MB/s)
25
25
50
50
85
Sustained write (MB/s)
7
10
20
20
40
*Results may differ from various flash configurations and platforms.
4.2 Environmental Specification
Environmental specification of the ATA-Disk Module (ADM) product family follows the MIL-STD-810F
standard which is shown in Table 4-5.
Table 4-5: Environmental specifications
Environment
Specification
Operation
0°C to 70°C (Standard) ; -40°C to 85°C (E xtended Temperature)
Temperature
Storage
-40°C to 100°C
Humidity
5% to 95% RH (Non-condensing)
Vibration (Non-Operation)
Sine wave: 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave, Peak acceleration 50 G, 11 ms (X, Y, Z ; All 6 axes)


Similar Part No. - AP-FM004GL2005S-EDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM004GL1003S-DT ETC2-AP-FM004GL1003S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM004GL1003S-EDT ETC2-AP-FM004GL1003S-EDT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM004GL1005S-DT ETC2-AP-FM004GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM004GL1005S-EDT ETC2-AP-FM004GL1005S-EDT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM004GL3003S-DT ETC2-AP-FM004GL3003S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
More results

Similar Description - AP-FM004GL2005S-EDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com