Electronic Components Datasheet Search |
|
NCB1206B600TR040F Datasheet(PDF) 2 Page - NIC-Components Corp. |
|
NCB1206B600TR040F Datasheet(HTML) 2 Page - NIC-Components Corp. |
2 / 4 page 2 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® Specifications are subject to change Ferrite Chip Beads NCB Series EIA Size NIC P/N Impedance at 100MHz Ω (±25% Tol.) DC Resistance Max. (Ω) DC Current Max. (mA) A (mm) B (mm) C (mm) D (mm) 0805 NCB0805A070TR060F 7 0.1 600 2.0 ±0.2 1.25 ±0.2 0.9 ±0.2 0.5 ±0.3 NCB0805A110TR090F 11 0.1 900 NCB0805A170TR060F 17 0.1 600 NCB0805A260TR060F 26 0.1 600 NCB0805A300TR060F 30 0.1 600 NCB0805A320TR050F 32 0.3 500 NCB0805A400TR060F 40 0.1 600 NCB0805A600TR090F 60 0.1 900 NCB0805A750TR020F 75 0.15 200 NCB0805A750TR040F 75 0.15 400 NCB0805A800TR040F 80 0.4 400 NCB0805A900TR060F 90 0.1 600 NCB0805A121TR030F 120 0.1 300 NCB0805A121TR050F 120 0.2 500 NCB0805A121TR080F 120 0.2 800 NCB0805A151TR080F 150 0.2 800 NCB0805A221TR075F 220 0.3 750 NCB0805A241TR040F 240 0.3 400 NCB0805A301TR070F 300 0.3 700 NCB0805A401TR020F 400 0.9 200 NCB0805A471TR070F 470 0.35 700 NCB0805A601TR050F 600 0.4 500 NCB0805A801TR045F 800 0.4 450 NCB0805A102TR040F 1000 0.45 400 NCB0805A152TR001F 1500 0.9 10 NCB0805A152TR035F 1500 0.5 350 NCB0805A202TR025F 2000 0.6 250 NCB0805C222TR010F 2200 0.75 100 2.0 ±0.2 1.25 ±0.2 1.25 ±0.2 0.5 ±0.3 NCB0805C222TR020F 2200 0.7 200 NCB0805C252TR020F 2500 0.75 200 1206 NCB1206B190TR050F 19 0.15 500 3.2 ± 0.2 1.6 ± 0.2 1.1 ± 0.2 0.5 ± 0.3 NCB1206B260TR050F 26 0.15 500 NCB1206B310TR050F 31 0.2 500 NCB1206B320TR050F 32 0.15 500 NCB1206B420TR050F 42 0.2 500 NCB1206B500TR050F 50 0.2 500 NCB1206B600TR040F 60 0.2 400 NCB1206B680TR050F 68 0.2 500 NCB1206B700TR050F 70 0.2 500 NCB1206B900TR050F 90 0.2 500 NCB1206B101TR090F 100 0.15 900 NCB1206B121TR090F 120 0.15 900 NCB1206B151TR090F 150 0.15 900 NCB1206B201TR020F 200 0.5 200 NCB1206B221TR070F 220 0.35 700 NCB1206B301TR070F 300 0.35 700 NCB1206B401TR020F 400 0.5 200 NCB1206B471TR040F 470 0.35 400 NCB1206B501TR020F 500 0.5 200 NCB1206B601TR020F 600 0.5 200 NCB1206B601TR040F 600 0.4 400 NCB1206B601TR050F 600 0.3 500 NCB1206B801TR030F 800 0.6 300 NCB1206B102TR040F 1000 0.4 400 NCB1206B102TR030F 1000 0.6 300 NCB1206B122TR010F 1200 1 100 NCB1206B152TR030F 1500 0.7 300 NCB1206B202TR030F 2000 1.5 300 Continued on page 3 NEW VALUES |
Similar Part No. - NCB1206B600TR040F |
|
Similar Description - NCB1206B600TR040F |