Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB0805A471TR070F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCB0805A471TR070F
Description  RUGGED CONSTRUCTION IN STANDARD EIA SIZES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB0805A471TR070F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCB0805A471TR070F Datasheet HTML 1Page - NIC-Components Corp. NCB0805A471TR070F Datasheet HTML 2Page - NIC-Components Corp. NCB0805A471TR070F Datasheet HTML 3Page - NIC-Components Corp. NCB0805A471TR070F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Beads
NCB Series
FEATURES
• RUGGED CONSTRUCTION IN STANDARD EIA SIZES
• EFFECTIVE EM/RFI SUPPRESSION UP TO 1 Ghz
• 100% CLOSED MAGNETIC CIRCUIT, AVOIDS CROSSTALK
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
• OPERATING TEMPERATURE RANGE: -40OC TO +125OC
STANDARD VALUES AND CASE SIZES (mm)
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
EIA
Size
NIC
Part Number
Impedance
at 100MHz
Ω (±25% Tol.)
DC
Resistance
Max. (Ω)
DC
Current
Max. (mA)
A
(mm)
B
(mm)
C
(mm)
D
(mm)
0201
NCB0201N100TR020F
10
0.25
200
0.6 ±0.05
0.3 ±0.05
0.3 ±0.05
0.15 ±0.05
NCB0201N220TR020F
22
0.45
200
NCB0201N330TR015F
33
0.55
150
NCB0201N470TR015F
47
0.7
150
NCB0201N560TR010F
56
1
100
NCB0201N600TR020F
60
0.4
200
NCB0201N800TR020F
80
0.6
200
NCB0201N121TR020F
120
0.8
200
NCB0201N241TR020F
240
1
200
NCB0201N601TR020F
600
1.7
200
0402
NCB0402P220TR030F
22
0.2
300
1.0 ±0.5
0.50 ±0.15
0.5 ±0.15
0.25 ±0.15
NCB0402P300TR030F
30
0.2
300
NCB0402P400TR060F
40
0.12
600
NCB0402P600TR030F
60
0.25
300
NCB0402P700TR050F
70
0.15
500
NCB0402P121TR010F
120
0.3
100
NCB0402P121TR030F
120
0.3
300
NCB0402P121TR050F
120
0.25
500
NCB0402P151TR010F
151
0.3
100
NCB0402P221TR010F
220
0.4
100
NCB0402P221TR030F
220
0.4
300
NCB0402P221TR070F
220
0.4
700
NCB0402P301TR005F
300
0.75
50
NCB0402P331TR010F
330
0.5
100
NCB0402P471TR010F
470
0.65
100
NCB0402P601TR010F
600
0.8
100
NCB0402P601TR030F
600
0.8
300
NCB0402P102TR020F
1000
1.2
200
NCB0402P102TR025F
1000
1.1
250
NCB0402P182TR020F
1800
2.2
200
0603
NCB0603R100TR070F
10
0.2
700
1.6 ±0.2
0.8 ±0.15
0.8 ±0.15
0.4 ±0.2
NCB0603R300TR070F
30
0.2
700
NCB0603R470TR070F
47
0.2
700
NCB0603R600TR070F
60
0.2
700
NCB0603R750TR050F
75
0.3
500
NCB0603R800TR020F
80
0.3
200
NCB0603R121TR060F
120
0.25
600
NCB0603R141TR020F
140
0.3
200
NCB0603R151TR060F
150
0.25
600
NCB0603R221TR055F
220
0.3
550
NCB0603R301TR050F
300
0.35
500
NCB0603R331TR050F
330
0.35
500
NCB0603R431TR040F
430
0.3
400
NCB0603R451TR010F
450
0.7
100
NCB0603R471TR035F
470
0.45
350
NCB0603R601TR035F
600
0.5
350
NCB0603R751TR020F
750
0.7
200
NCB0603R801TR010F
800
0.9
100
NCB0603R102TR020F
1000
0.7
200
NCB0603R152TR030F
1500
1
300
Continued on page 2
NEW VALUES


Similar Part No. - NCB0805A471TR070F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB0805A471TR070F NIC-NCB0805A471TR070F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0805A471TR070F NIC-NCB0805A471TR070F Datasheet
247Kb / 4P
   Ferrite Chip Beads
More results

Similar Description - NCB0805A471TR070F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB0402P121TR010F NIC-NCB0402P121TR010F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
   Rugged case construction
Rev: L
logo
List of Unclassifed Man...
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
   Durable, rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
   Rugged construction SMD TCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com