Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQB2A2-ZT1018VDC Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AQB2A2-ZT1018VDC
Description  1A and 2A space saving PC board terminal type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQB2A2-ZT1018VDC Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AQB2A2-ZT1018VDC Datasheet HTML 1Page - Panasonic Semiconductor AQB2A2-ZT1018VDC Datasheet HTML 2Page - Panasonic Semiconductor AQB2A2-ZT1018VDC Datasheet HTML 3Page - Panasonic Semiconductor AQB2A2-ZT1018VDC Datasheet HTML 4Page - Panasonic Semiconductor AQB2A2-ZT1018VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AQ-B
5
ds_61604_0001_en_aqb: 060207D
NOTE
Cautions for Use
When used for the load less than rated
In case of the load current less than
rated, malfunction may result from the
residual voltage across the both ends of
the load even if the solid state relay is
turned off.
Use a dummy resistor as a countermea-
sure.
The total of the current through the
resistor and the load current must exceed
the min. rated load current.
In case the dummy resistor is not used,
keep in mind that the residual voltage
becomes as follows:
Example:
For the inductive load by the 5 mA load
current and the 200 V AC load voltage,
the load impedance becomes 40 k
Ω and
Ve/V = 16% is estimated from the right
above graph. Accordingly, the 32 V
voltage remains across the both ends of
the load when the solid state relay is
turned off.
• Characteristics of residual voltage vs.
load impedance
Load
power
source
SSR
Load
R0 (dummy resistor)
0
10
20
20
40
60
100 ,
80
100
30
40
50
Load impedance, k
Ω
Ve
Ve
V
%
V
SSR
Load
×
f = 60 Hz
Ve: Residual voltage
V: Power voltage
Power factor: 1
(resistive load)
Power factor: 0.4
(inductive load)


Similar Description - AQB2A2-ZT1018VDC

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL103-1R1Y1G120113 P-TEC-PL103-1R1Y1G120113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL104-1Y1G1Y1G0113 P-TEC-PL104-1Y1G1Y1G0113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL311A-3G13 P-TEC-PL311A-3G13 Datasheet
361Kb / 4P
   Space-Saving Circuit Board Indicator
PL311A-3RY1201 P-TEC-PL311A-3RY1201 Datasheet
456Kb / 4P
   Space-Saving Circuit Board Indicator
PL105-4RG1213 P-TEC-PL105-4RG1213 Datasheet
885Kb / 5P
   Space saving Circuit Board Indicator
PL105-4W24 P-TEC-PL105-4W24 Datasheet
492Kb / 4P
   Space saving Circuit Board Indicator
PL105-4Y01 P-TEC-PL105-4Y01 Datasheet
387Kb / 5P
   Space saving Circuit Board Indicator
PL311A-3R12 P-TEC-PL311A-3R12 Datasheet
393Kb / 4P
   Space-Saving Circuit Board Indicator
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com