Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQB2A1-ZT714VDC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQB2A1-ZT714VDC
Description  1A and 2A space saving PC board terminal type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQB2A1-ZT714VDC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQB2A1-ZT714VDC Datasheet HTML 1Page - Panasonic Semiconductor AQB2A1-ZT714VDC Datasheet HTML 2Page - Panasonic Semiconductor AQB2A1-ZT714VDC Datasheet HTML 3Page - Panasonic Semiconductor AQB2A1-ZT714VDC Datasheet HTML 4Page - Panasonic Semiconductor AQB2A1-ZT714VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AQ-B
4
ds_61604_0001_en_aqb: 060207D
OPERATING PRINCIPLE
DIMENSIONS
mm inch
REFERENCE DATA
Internal circuit
Zero-cross type
Wave form of input and output (Resistive load)
circuit
circuit
cross
Zero-
Phototriac
coupler
+
_
Input
Input
terminal
Output
terminal
R
C
Triac
Snubber circuit
Load voltage
Load current
Input signal
ON
OFF
Non zero-cross type
circuit
coupler
Phototriac
+
_
Input
Input
terminal
Output
terminal
R
C
Triac
Snubber circuit
Load voltage
Load current
Input signal
ON
OFF
(Common for zero-cross and
Non zero-cross type)
General tolerance:
±0.5 ±.020
4
.157
0.5
.020
1
.039
1
.039
1
.039
1
.039
3.75
.148
5
.197
10
.394
12.5
.492
Max. 9
.354
Max. 20
.787
Max. 43
1.693
Max. 2
.079
Output: AC
Output: AC
Input: DC +
Input: DC -
PC board pattern (BOTTOM VIEW)
Terminal connection diagram
27.5
1.083
5.0
.197
12.5
.492
10.0
.394
4
3
2
1
Terminal
Copper
4-1.4 dia.
4-.055 dia.
foil
INPUT
LOAD
Load power source
+
-
Load
Input power
source
1. Load current vs. ambient temperature
2-1. Non-repetitive surge current vs. carrying
time (1 A type)
2-2. Non-repetitive surge current vs. carrying
time (2 A type)
–30
0
20
40
60
80
3.0
2.5
2.0
1.5
1.0
0.5
0
Ambient temperature, °C
2 A type
1 A type
1
2 3 4 5 7 10
20 30 4050 70100
0
5
10
15
20
25
No. of cycles at 60 Hz
30
1
2 3 4 5 7 10
20 30 4050 70100
No. of cycles at 60 Hz
0
5
10
15
20
25
30
3. Input current vs. input voltage
Input voltage, V
010
20
0
10
20
30
40
45
35
25
15
5
(3 to 6 V type)
(7 to 14 V type)
(18 to 30 V type)
(10 to 18 V type)
30
4. Load current vs. ambient temperature for adjacent mounting
1 A type
2 A type
0
0
20
40
60
80
1.0
0.5
=Adjacent mounting
=20.32 mm
.800 inch
=9.0 mm
.354 inch
=12.7 mm
.500 inch
Ambient temperature, ¡C
0
Ambient temperature, ¡C
20
40
60
80
2.0
1.5
1.0
0.5
=Adjacent mounting
=20.32 mm
.800 inch
=9.0 mm
.354 inch
=12.7 mm
.500 inch


Similar Description - AQB2A1-ZT714VDC

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL103-1R1Y1G120113 P-TEC-PL103-1R1Y1G120113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL104-1Y1G1Y1G0113 P-TEC-PL104-1Y1G1Y1G0113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL311A-3G13 P-TEC-PL311A-3G13 Datasheet
361Kb / 4P
   Space-Saving Circuit Board Indicator
PL311A-3RY1201 P-TEC-PL311A-3RY1201 Datasheet
456Kb / 4P
   Space-Saving Circuit Board Indicator
PL105-4RG1213 P-TEC-PL105-4RG1213 Datasheet
885Kb / 5P
   Space saving Circuit Board Indicator
PL105-4W24 P-TEC-PL105-4W24 Datasheet
492Kb / 4P
   Space saving Circuit Board Indicator
PL105-4Y01 P-TEC-PL105-4Y01 Datasheet
387Kb / 5P
   Space saving Circuit Board Indicator
PL311A-3R12 P-TEC-PL311A-3R12 Datasheet
393Kb / 4P
   Space-Saving Circuit Board Indicator
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com