Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR3502 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FBR3502
Description  FAST RECOVERY BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FBR3502 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FBR3502 Datasheet HTML 1Page - EIC discrete Semiconductors FBR3502 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FBR3500 - FBR3510
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 35 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally
mounted in the bridge encapsulation
* Epoxy : UL94V-O rate flame retardant
* Terminals : plated .25" (6.35 mm). Faston
* Polarity : Polarity symbols marked on case
* Mounting position : Bolt down on heat-sink with
silicone thermal compound between bridge
and mounting surface for maximum heat
transfer efficiency.
* Weight : 17.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FBR
3500
FBR
3501
FBR
3502
FBR
3504
FBR
3506
FBR
3508
FBR
3510
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc = 55
°C
IF(AV)
35
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
400
Amps.
Current Squared Time at t < 8.3 ms.
I
2
t
660
A
2
S
Maximum Forward Voltage drop per Diode at IF = 17.5 Amps.
VF
1.3
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance per diode (Note 2)
RθJC
10
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal Resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" (19cm.x 9cm.x 11.8cm.) Al.-Finned Plate
UPDATE : APRIL 21, 1998
RATING
Dimensions in inches and ( millimeters )
φ
BR50
0.728(18.50)
0.688(17.40)
0.570(14.50)
0.530(13.40)
0.685(16.70)
0.618(15.70)
1.130(28.70)
1.120(28.40)
0.210(5.30)
0.200(5.10)
0.658(16.70)
0.618(15.70)
0.032(0.81)
0.028(0.71)
0.252(6.40)
0.248(6.30)
0.905(23.0)
0.826(21.0)
0.100(2.50)
0.090(2.30)
0.310(7.87)
0.280(7.11)
Metal Heatsink


Similar Part No. - FBR3502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR3502 EIC-FBR3502 Datasheet
50Kb / 2P
   FAST RECOVERY
FBR3502 EIC-FBR3502 Datasheet
80Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
FBR3502W EIC-FBR3502W Datasheet
49Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR3502W EIC-FBR3502W Datasheet
52Kb / 2P
   FAST RECOVERY
More results

Similar Description - FBR3502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR2500 EIC-FBR2500 Datasheet
20Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR600 EIC-FBR600 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR3500W EIC-FBR3500W Datasheet
49Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR5000 EIC-FBR5000_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
logo
Dongguan City Niuhang E...
RYBS80005 NIUHANG-RYBS80005 Datasheet
234Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Central Semiconductor C...
PDN01090 CENTRAL-PDN01090 Datasheet
286Kb / 4P
   Bridge Rectifiers, Fast Recovery
logo
EIC discrete Semiconduc...
FBR1500 EIC-FBR1500 Datasheet
43Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FKBL400 EIC-FKBL400 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FKBP200 EIC-FKBP200 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR2500 EIC-FBR2500_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com