Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML1220 Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ML1220
Description  Manganese Lithium Coin Batteries
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ML1220 Datasheet(HTML) 1 Page - Panasonic Battery Group

  ML1220 Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications are subject to
modification without notice. Contact Panasonic for the latest information.
ML920
10000
5000
1000
500
100
50
10
1
1
5
10
50
100
500
1000
5000 10000
Consumption Current (
µA)
0
2
4
6
8
10
12
14
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
75k
(32 A)
Temp
Load
Discharge capacity(mAh)
Dimensions(mm)
Specification
Discharge characteristics
Consumption current vs. Duration time
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
11.0
0.03
-20 ~ +60
Weight:0.4g
Note: This bare cell diagram is for size reference only. Please refer to the
tab configurations at the end of this section for available tabs.
∅5.0
2.05
0.05
∅9.5
+0
-0.15
+0
-0.2
Manganese Lithium Coin Batteries (ML series): Individual Specifications
12.5
( 0.49
)
9( 0.35)
+0
-0.01
+0
-0.3
Dimensions(mm)
Weight:0.8g
ML1220
10000
5000
1000
500
100
50
10
1
1
5
10
50
100
500
1000
5000 10000
Consumption Current (
µA)
0
2
4
6
8
10
12
14
16
18
20
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
100k
(24 A)
Temp
Load
Discharge capacity(mAh)
Consumption current vs. Duration time
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
Specification
Discharge characteristics
3
17.0
0.03
-20 ~ +60
Note: This bare cell diagram is for size reference only. Please refer to the
tab configurations at the end of this section for available tabs.


Similar Part No. - ML1220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML1220 ETC2-ML1220 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Maxwell Technologies
ML1220 MAXWELL-ML1220 Datasheet
432Kb / 2P
   Lithium Manganese Dioxide Rechargeable Battery
April 2011
ML1220 MAXWELL-ML1220 Datasheet
1,002Kb / 9P
   LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
logo
LANSDALE Semiconductor ...
ML12202 LANSDALE-ML12202 Datasheet
3Mb / 11P
   MECL PLL Components Serial Input PLL Frequency Synthesizer
ML12202-5P LANSDALE-ML12202-5P Datasheet
3Mb / 11P
   MECL PLL Components Serial Input PLL Frequency Synthesizer
More results

Similar Description - ML1220

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML421 PANASONICBATTERY-ML421 Datasheet
30Kb / 1P
   Manganese Lithium Coin Batteries
ML2020 PANASONICBATTERY-ML2020 Datasheet
25Kb / 1P
   Manganese Lithium Coin Batteries
ML614 PANASONICBATTERY-ML614 Datasheet
39Kb / 1P
   Manganese Lithium Coin Batteries
logo
List of Unclassifed Man...
CR1616 ETC-CR1616 Datasheet
267Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
CR2025 ETC-CR2025 Datasheet
238Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
CR2354 ETC-CR2354 Datasheet
270Kb / 1P
   Manganese Dioxide Lithium Coin Batteries
logo
Panasonic Battery Group
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2450 PANASONICBATTERY-CR2450 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com