Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQB1A1-ZT1830VDC Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQB1A1-ZT1830VDC
Description  1A and 2A space saving PC board terminal type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQB1A1-ZT1830VDC Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQB1A1-ZT1830VDC Datasheet HTML 1Page - Panasonic Semiconductor AQB1A1-ZT1830VDC Datasheet HTML 2Page - Panasonic Semiconductor AQB1A1-ZT1830VDC Datasheet HTML 3Page - Panasonic Semiconductor AQB1A1-ZT1830VDC Datasheet HTML 4Page - Panasonic Semiconductor AQB1A1-ZT1830VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AQ-B
3
ds_61604_0001_en_aqb: 060207D
Characteristics (at 20
°C 68°F, Input voltage ripple: less than 1%)
Item
Zero-cross type
Non zero-cross type
Remarks
Standard type
Reinforced type
Standard type
Reinforced type
Operate time, max.
(1/2 cycle of voltage sine wave) +1 ms
0.5 ms
Release time, max.
(1/2 cycle of voltage sine wave) +1 ms
Insulation resistance, min.
109
Ω between input and output
Breakdown voltage
1,500 V AC
between input
and output
4,000 V AC
between input
and output
1,500 V AC
between input
and output
4,000 V AC
between input
and output
For 1 minute
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3 mm
10 minutes for X, Y, Z axes
Destructive
10 to 55 Hz at double amplitude of 3 mm
1 hour for X, Y, Z axes
Shock resistance
Functional
Min. 980 m/s2 {100 G}
4 times for X, Y, Z axes
Destructive
Min. 980 m/s2 {100 G}
5 times for X, Y, Z axes
Ambient temperature
–20
°C to +80°C –4°F to +176°F
Storage temperature
–25
°C to +85°C –13°F to +185°F
Operational method
Zero-cross Turn-ON
Zero-cross Turn-OFF
Non zero-cross Turn-ON
Zero-cross Turn-OFF
2. Non zero-cross type
1 A type
2 A type
Part No.
Item
AQB1A1-T
3/6VDC
AQB1A1-T
7/14VDC
AQB1A1-T
10/18VDC
AQB1A1-T
18/30VDC
AQB1A2-T
3/6VDC
AQB1A2-V
3/6VDC
AQB1A2-T
7/14VDC
AQB1A2-V
7/14VDC
AQB1A2-T
10/18VDC
AQB1A2-V
10/18VDC
AQB1A2-T
18/30VDC
AQB1A2-V
18/30VDC
Remarks
Input voltage
3 to
6 V DC
7 to
14 V DC
10 to
18 V DC
18 to
30 V DC
3 to
6 V DC
7 to
14 V DC
10 to
18 V DC
18 to
30 V DC
Input impedance
Approx.
0.18 k
Ω
Approx.
0.75 k
Ω
Approx.
1.2 k
Ω
Approx.
2.15 k
Ω
Approx.
0.18 k
Ω
Approx.
0.75 k
Ω
Approx.
1.2 k
Ω
Approx.
2.15 k
Ω
Drop-out voltage,
min.
1 V
Max.load current
1 A
See “DATA 1”
Load voltage
75 to 125 V AC
75 to 250 V AC
Frequency
45 to 65 Hz
Repetitive peak
voltage, max.
400 V
600 V
Non-repetitive
surge current
10A
In one cycle
at 60 Hz
“OFF-state”
leakage current
0.6 mA/100 V applied
1.1 mA/200 V applied
at 60 Hz
Max. “ON-state”
voltage drop
1.6 V
at max. car-
rying current
Min. load current
10 mA
20 mA
OFF state dV/dt
100 V/
μs
Part No.
Item
AQB2A1-T
3/6VDC
AQB2A1-T
7/14VDC
AQB2A1-T
10/18VDC
AQB2A1-T
18/30VDC
AQB2A2-T
3/6VDC
AQB2A2-V
3/6VDC
AQB2A2-T
7/14VDC
AQB2A2-V
7/14VDC
AQB2A2-T
10/18VDC
AQB2A2-V
10/18VDC
AQB2A2-T
18/30VDC
AQB2A2-V
18/30VDC
Remarks
Input voltage
3 to
6 V DC
7 to
14 V DC
10 to
18 V DC
18 to
30 V DC
3 to
6 V DC
7 to
14 V DC
10 to
18 V DC
18 to
30 V DC
Input impedance
Approx.
0.18 k
Ω
Approx.
0.75 k
Ω
Approx.
1.2 k
Ω
Approx.
2.15 k
Ω
Approx.
0.18 k
Ω
Approx.
0.75 k
Ω
Approx.
1.2 k
Ω
Approx.
2.15 k
Ω
Drop-out voltage,
min.
1 V
Max.load current
2 A
See “DATA 1”
Load voltage
75 to 125 V AC
75 to 250 V AC
Frequency
45 to 65 Hz
Repetitive peak
voltage, max.
400 V
600 V
Non-repetitive
surge current
20A
In one cycle
at 60 Hz
“OFF-state”
leakage current
0.6 mA/100 V applied
1.1 mA/200 V applied
at 60 Hz
Max. “ON-state”
voltage drop
1.6 V
at max. car-
rying current
Min. load current
10 mA
20 mA
OFF state dV/dt
100 V/
μs


Similar Description - AQB1A1-ZT1830VDC

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL103-1R1Y1G120113 P-TEC-PL103-1R1Y1G120113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL104-1Y1G1Y1G0113 P-TEC-PL104-1Y1G1Y1G0113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL311A-3G13 P-TEC-PL311A-3G13 Datasheet
361Kb / 4P
   Space-Saving Circuit Board Indicator
PL311A-3RY1201 P-TEC-PL311A-3RY1201 Datasheet
456Kb / 4P
   Space-Saving Circuit Board Indicator
PL105-4RG1213 P-TEC-PL105-4RG1213 Datasheet
885Kb / 5P
   Space saving Circuit Board Indicator
PL105-4W24 P-TEC-PL105-4W24 Datasheet
492Kb / 4P
   Space saving Circuit Board Indicator
PL105-4Y01 P-TEC-PL105-4Y01 Datasheet
387Kb / 5P
   Space saving Circuit Board Indicator
PL311A-3R12 P-TEC-PL311A-3R12 Datasheet
393Kb / 4P
   Space-Saving Circuit Board Indicator
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com