Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIAP-01-392 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAP-01-392
Description  Epoxy Coated Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAP-01-392 Datasheet(HTML) 2 Page - Abracon Corporation

  AIAP-01-392 Datasheet HTML 1Page - Abracon Corporation AIAP-01-392 Datasheet HTML 2Page - Abracon Corporation AIAP-01-392 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Clear Epoxy Coating
AIAP-01
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale Revised: 03.05.13
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
PART NUMBER IDENTIFICATION
Dimension: inch/mm
OUTLINE DRAWING:
9.14 x ϕ3.3mm
Epoxy Coated Power Inductor
Test Conditions and equipments
Test frequency: 7.9MHz for 1.0µH to 8.2µH, 1KHz for 10µH to 10000µH
IDC: 10% inductance drops typical
Operating Temperature
-40oC ~ +105 oC
Storage Temperature
-40oC ~ +85 oC
AIAP-01-
-
Inductance Code
Please refer to Electrical
Specifications Table
Tolerance
K: ±10%
Packaging
T: Tape and Reel
(2.5kpcs / reel)
Pb RoHS/RoHS II Compliant


Similar Part No. - AIAP-01-392

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAP-01 ABRACON-AIAP-01 Datasheet
191Kb / 3P
   THRU-HOLE AXIAL CONFORMAL/EPOXY COATED INDUCTORS
More results

Similar Description - AIAP-01-392

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
BU-X15400-0 ETC2-BU-X15400-0 Datasheet
49Kb / 1P
   Epoxy Coated Battery Clip
logo
ECM Electronics Limited...
EC22 ECM-EC22 Datasheet
101Kb / 6P
   Epoxy Coated Axial Chokes
logo
Vishay Siliconix
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 07-Aug-07
IR-2 VISHAY-IR-2 Datasheet
175Kb / 4P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 31-Jan-06
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
   Non-inductive, coated with epoxy resin or flame retardant epoxy power
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
   NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
logo
Amphenol Corporation
NDL102C2R1 AMPHENOL-NDL102C2R1 Datasheet
73Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com