Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2411MP-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2411MP-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2411MP-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2411MP-13 Datasheet HTML 4Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 5Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 6Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 7Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 8Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 9Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 10Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 11Page - Diodes Incorporated AP2411MP-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AP2401/AP2411
Document number: DS35113 Rev. 6 - 2
8 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2401/AP2411
Typical Performance Characteristics (cont.)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-On vs. Input Voltage
C = 1µF
R = 5
T = 25°C
L
L
A
0
20
40
60
80
100
120
140
160
180
200
220
240
260
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off vs. Input Voltage
0
100
200
300
400
500
600
700
800
900
1000
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Rise Time vs. Input Voltage
C = 1µF
R = 5
T = 25°C
L
L
A
0
10
20
30
40
50
60
70
80
90
100
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Fall Time vs. Input Voltage


Similar Part No. - AP2411MP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2411 DIODES-AP2411 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2411 DIODES-AP2411 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2411A DIODES-AP2411A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2411AFGE-13 DIODES-AP2411AFGE-13 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2411AFGE-7 DIODES-AP2411AFGE-7 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
More results

Similar Description - AP2411MP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com