Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5103TZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5103TZ
Description  FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5103TZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5103TZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5103TZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Figure 1a. ST Block Diagram.
Figure 2. Package Outline Drawing with Standard Height.
39.12
(1.540)
MAX.
AREA
RESERVED
FOR
PROCESS
PLUG
12.70
(0.500)
25.40
(1.000)
MAX.
12.70
(0.500)
10.35
(0.407)
MAX.
+ 0.25
- 0.05
+ 0.010
- 0.002
3.30 ± 0.38
(0.130 ± 0.015)
AFBR-5XXXZ
DATE CODE (YYWW)
SINGAPORE
2.92
(0.115)
18.52
(0.729)
4.14
(0.163)
20.32
(0.800)
[8x(2.54/.100)]
23.55
(0.927)
16.70
(0.657)
17.32
(0.682)
20.32
(0.800)
23.32
(0.918)
0.46
(0.018)
NOTE 1
(9x)
NOTE 1
0.87
(0.034)
23.24
(0.915)
15.88
(0.625)
1.27
(0.050
+ 0.08
- 0.05
+ 0.003
- 0.002
0.75
(0.030
)
)
A
6.35
(0.250)
5.93 ± 0.1
(0.233 ± 0.004)
DATA OUT
SIGNAL
DETECT OUT
DATA IN
ELECTRICAL SUBASSEMBLY
QUANTIZER IC
DRIVER IC
TOP VIEW
PIN PHOTODIODE
DUPLEX ST
RECEPTACLE
OPTICAL
SUBASSEMBLIES
LED
PREAMP IC
DIFFERENTIAL
SINGLE-ENDED
DIFFERENTIAL


Similar Part No. - AFBR-5103TZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-5103TZ BOARDCOM-AFBR-5103TZ Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - AFBR-5103TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com