Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRD3361 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LRD3361
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD3361 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LRD3361 Datasheet HTML 1Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 3Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
www.schneider-electric.us
18-2
© 2009 Schneider Electric
All Rights Reserved
3 Pole Contactors
TeSys® D AC and DC Contactors
Refer to Catalog 8502CT9901
s
On LC1D09 - LC1D65A, for spring terminals versions add '3' to the catalog number prior to adding the voltage code (ex. LC1D12G7 becomes
LC1D123G7 and LC1D40AG7 becomes LC1D40A3G7 - Note that 40A to 65A spring terminals are only on the control terminations and not on power
terminations). No price adder for this modification.
t
On LC1D09 - LC1D65A and LC1DT20 through LC1DT80A, for ring tongue versions add '6' to the catalog number prior to adding the voltage code
(ex. LC1D09G7 becomes LC1D096G7 and LC1D50AG7 becomes LC1D50A6G7). No price adder for this modification.
Note: To be used for interpretation of current catalog numbers only.
LC
_____
D
_____
_____
_____
_____
Full Voltage, Non-Reversing
1
Full Voltage, Reversing
2
TeSys D 3 Pole Contactors 9A to 150A
Contactor AC-3 Full Load Amps (FLA)
9A FLA
09
12A FLA
12
18A FLA
18
25A FLA
25
32A FLA
32
38A FLA (not marketed in US)
38
40A FLA
40
50A FLA
50
65A FLA
65
80A FLA
80
95A FLA (not marketed in US)
95
115A FLA
115
150A FLA
150
Everlink Power Connection (40A to 65A only)
A
No Everlink Power Connection (9A to 32A, 80A to 150A)
Blank
Termination Options (choose one)
Screw Termination
Blank
Spring Terminations s
3
Ring Tongue Terminations t
6
Slip-on Terminations (9A to 12A only)
9
Coil Voltage (choose one)
AC Coils (50/60 Hz)
DC Coils (standard)
DC Coils
low consumption available
for 9 to 38 amp only
12V
J7
12V
JD
5V
AL
21V
Z7
21V
ZD
12V
JL
24V
B7
24V
BD
21V
ZL
36V
C7
36V
CD
24V
BL
42V
D7
48V
ED
48V
EL
48V
E7
60V
ND
72V
SL
60V
EE7
72V
SD
96V
DL
100V
K7
110V
FD
110V
FL
110V
F7
125V
GD
220V
ML
115V
FE7
220V
MD
250V
UL
120V
G7
250V
UD
127V
FC7
440V
RD
200V
L7
208V
LE7
220V
M7
230V
P7
240V
U7
277V
W7
380V
Q7
400V
V7
415V
N7
440V
R7
480V
T7
500V
S7
575V
SC7
600V
X7
660V
Y5
(50 Hz only)


Similar Part No. - LRD3361

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD3361 SCHNEIDER-LRD3361 Datasheet
110Kb / 3P
   TeSys LRD, thermal overload relay, 55 to 70 A, class 10A, for LC1D80 and LC1D95
LRD3361 SCHNEIDER-LRD3361 Datasheet
124Kb / 3P
   TeSys Deca, thermal overload relay, 55 to 70 A, class 10A, for LC1D80 and LC1D95
May 25, 2022
LRD3361 SCHNEIDER-LRD3361_V01 Datasheet
124Kb / 3P
   TeSys Deca, thermal overload relay, 55 to 70 A, class 10A, for LC1D80 and LC1D95
May 25, 2022
More results

Similar Description - LRD3361

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com