Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRD21 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LRD21
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD21 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LRD21 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 9Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 10Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 11Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 12Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 13Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 14Page - List of Unclassifed Manufacturers LRD21 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
18-11
Contactor Accessories
TeSys® D and F Accessories
Refer to Catalog 8502CT9901
TeSys D contactors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-4, 18-6
TeSys D overload relay accessories. . . . . . . . . . . . . . . . . . . . . . . .page 18-16
TeSys D replacement coils . . . . . . . . . . . . . . . . . . . . . . pages 18-18 to 18-19
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-40 to 18-47
TeSys F contactors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-5, 18-7
TeSys F replacement coils and parts . . . . . . . . . . pages 18-13, 18-18, 18-20
Table 18.29:
For Power Pole or Control Connection
Description
For use with
contactors
LC1/LP1
Sold in
lots of
Catalog
Number
$ Price each
Connectors for
larger cable sizes
4 poles
#8 AWG (10 mm2)D09, D12
1
LAD92560
8.70
3 poles
#4 AWG (25 mm2)
D09–D32
1
LA9D3260
12.00
Everlink® terminal
block
3 poles
D40A-D65A
1
LAD96560
10.00
Links
for the parallel
connection of
2 poles
D09–D32
10
LA9D2561
26.20
D40A–D65A
1
LAD9P32
6.00
D80
2
LA9D80961
6.50
F115
4
LA9FF602
55.00
F150, F185
4
LA9FG602
65.00
F265, F330, F400
4
LA9FH602
169.00
F500
4
LA9FK602
228.00
F630, F800
4
LA9FL602
278.00
3 poles
(Wye-Delta
Shorting Strap)
D09–D32
10
LAD9P3
10.00
D40A-D65A
1
LAD9P33
25.00
D80
1
LA9D80962
6.50
F115
1
LA9FF601
6.80
F150, F185
1
LA9FG601
8.20
F265, F330, F400
1
LA9FH601
12.00
F500
1
LA9FK601
21.80
F630, F800
1
LA9FL601
38.20
4 poles
DT20, DT25
2
LA9D1263
8.70
D80
2
LA9D80963
17.50
Second coil connection
LP1D40–D80
10
LA9D09966
2.20
Control circuit take-off from main pole
D115, D150
10
LA9D11567
4.00
D80
10
LA9D8067
5.50
Spreaders for increasing pole pitch to 45 mm
D115, D150
3
GV7AC03
31.10
Table 18.30:
For Marking
Description
For use with
contactors
LC1/LP1
Sold in
lots of
Catalog
Number
$ Price each
Reference label holder snap-on 8 x 22 mm
4-pole contactors
D80 - D115
100
LA9D92
.06
Reference label holder snap-on 8 x 18 mm 3 poles
D09-D65A, DT20-DT80A,
LADN, LADT, LADR
100
LAD90
.06
Sheet of 300 labels self adhesive 7 x 21 mm
For holder LA9D92
1
LA9D93
4.30
Table 18.31:
For Mounting
Description
For use with
contactors
LC1/LP1
Sold in
lots of
Catalog
Number
$ Price each
Set of shims for mounting LAD8N and LA8DN
D80
1
LA9D511
9.80
Retrofit plate for replacement of LC1D40-D65 with
LC1D40A-D65A
D40A-D65A
1
LAD7X3
25.00
35 mm DIN Rail – 2 meters long
LC1D09 to D80
10
AM1DP200
5.20
Table 18.32:
Replacement contacts
For use with
contactors
Catalog
Number
$ Price
Three-pole
LC1D115
3 poles
LA5D1158031
239.00
LC1D150
3 poles
LA5D150803
239.00
Four-pole
LC1D115
4 poles
LA5D115804
318.00
Table 18.33:
Arc chambers
For use with
contactors
Catalog
Number
$ Price
Three-pole
LC1D115
3 poles
LA5D11550
90.00
LC1D150
3 poles
LA5D15050
90.00
Four-pole
LC1D115
4 poles
LA5D115450
119.00
LA9D1260
LA9D2561
LA9D40961
LA9D6567
LA9D511
I12
Discount
Schedule


Similar Part No. - LRD21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD21 SCHNEIDER-LRD21 Datasheet
115Kb / 4P
   TeSys LRD, thermal overload relay, 12 to 18 A, class 10A
LRD21 SCHNEIDER-LRD21 Datasheet
123Kb / 4P
   TeSys Deca, thermal overload relay, 12 to 18 A, class 10A
May 25, 2022
LRD213 SCHNEIDER-LRD213 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 12...18 A - class 10A
LRD216 SCHNEIDER-LRD216 Datasheet
181Kb / 3P
   TeSys LRD thermal overload relays - 12...18 A - class 10A
LRD216 SCHNEIDER-LRD216 Datasheet
132Kb / 3P
   TeSys Deca thermal overload relays - 12...18 A - class 10A
May 30, 2022
More results

Similar Description - LRD21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com