Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-H312 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-H312
Description  2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-H312 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-H312 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-H312 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACPL-H312 and ACPL-K312
2.5 Amp Output Current IGBT Gate Driver Optocoupler
with Low ICC & UVLO in Stretched SO8
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The ACPL-H312/K312 contains a GaAsP LED. The LED is
optically coupled to an integrated circuit with a power
output stage. These optocouplers are ideally suited for
driving power IGBTs and MOSFETs used in motor control
inverter applications. The high operating voltage range
of the output stage provides the drive voltages required
by gate controlled devices. The voltage and current sup-
plied by these optocouplers make them ideally suited for
directly driving IGBTs with ratings up to 1200 V/100 A. For
IGBTs with higher ratings, the ACPL-H312 /K312 series can
be used to drive a discrete power stage which drives the
IGBT gate. The ACPL-H312 has an insulation voltage of
VIORM = 891 Vpeak (Option 060). The ACPL-K312 has an is-
sulation voltage of VIORM = 1140Vpeak (Option 060).
Functional Diagram
Features
2.5 A maximum peak output current
2.0 A minimum peak output current
15 kV/μs minimum Common Mode Rejection (CMR) at
VCM = 1500 V
0.5 V maximum low level output voltage (VOL)
ICC = 3 mA maximum supply current
Under Voltage Lock-Out protection (UVLO) with
hysteresis
Package Clearance and Creepage at 8mm (ACPL-K312)
Wide operating VCC range: 15 to 30 Volts
500 ns maximum switching speeds
Industrial temperature range: -40°C to 100°C
Safety Approval
-
UL1577 recognized
3750 Vrms for 1 minute for ACPL-H312
5000 Vrms for 1 minute for ACPL-K312
-
CSA Approved
-
IEC/EN/DIN EN 60747-5-2 Approved
VIORM = 891 Vpeak for ACPL-H312
VIORM = 1140 Vpeak for ACPL-K312
Applications
IGBT/MOSFET gate drive
Inverter for Industrial Motor
Inverter for Electrical Home Appliances
Switching Power Supplies (SPS)
Application Note
AN5336 – Gate Drive Optocoupler Basic Design
ACPL-H312/K312
Note: A 0.1 μF bypass capacitor must be
connected between pins VCC and VEE.
Truth Table
LED
VCC – VEE
“POSITIVE GOING”
(i.e., TURN-ON)
VCC – VEE
“NEGATIVE GOING”
(i.e., TURN-OFF)
VO
OFF
0 – 30V
0 – 30V
LOW
ON
0 – 11V
0 – 9.5V
LOW
ON
11 – 13.5V
9.5 – 12V
TRANSITION
ON
13.5 – 30V
12 – 30V
HIGH
1
3
SHIELD
2
4
8
6
7
5
CATHODE
ANODE
VCC
VEE
VO
VEE
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACPL-H312

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-H312 BOARDCOM-ACPL-H312 Datasheet
1Mb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Low ICC and UVLO in Stretched SO8
More results

Similar Description - ACPL-H312

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-H312 BOARDCOM-ACPL-H312 Datasheet
1Mb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Low ICC and UVLO in Stretched SO8
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-T350 AVAGO-ACPL-T350 Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-T350-300E AVAGO-ACPL-T350-300E Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
Broadcom Corporation.
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACNT-H313 BOARDCOM-ACNT-H313 Datasheet
1Mb / 16P
   2.5 A Output Current IGBT Gate Drive Optocoupler in 15 mm Stretched SO8 Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
logo
Broadcom Corporation.
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
   2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com