Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMD-7602 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7602
Description  Miniature UMTS Band I Duplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7602 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACMD-7602 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACMD-7602 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 26. SMD tape packing
Figure 27. Unit orientation in tape
SECTION B – B
SECTION A – A
R0.60 TYP.
5 (MAX.)
Ko
Bo
Ao
∅ 1.50 (MIN.)
∅ 1.55 ± 0.05
2.00 ± 0.05
12.00 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
4.00 ± 0.10
(SEE NOTE #2)
8.00 ± 0.10
NOTES:
1. Ao and Bo measured at 0.3 mm above base of pocket.
2. 10 pitches cumulative tolerance ± 0.2 mm.
3. ( ) Reference dimensions only.
Ao
= 2.80
Bo
= 3.30
Ko
= 1.50
Pitch = 8.00
Width = 12.00
0.30 ± 0.05
SPROCKET HOLES
TAPE
WIDTH
POCKET
CAVITY
PACKAGE PIN 1
ORIENTATION


Similar Part No. - ACMD-7602

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACMD-7602 BOARDCOM-ACMD-7602 Datasheet
735Kb / 12P
   Miniature UMTS Band I Duplexer
More results

Similar Description - ACMD-7602

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACMD-7612 BOARDCOM-ACMD-7612 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612-TR1 AVAGO-ACMD-7612-TR1 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7602 BOARDCOM-ACMD-7602 Datasheet
735Kb / 12P
   Miniature UMTS Band I Duplexer
ACMD-7605 BOARDCOM-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7605 AVAGO-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403_15 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
logo
Broadcom Corporation.
ACMD-7403 BOARDCOM-ACMD-7403 Datasheet
1Mb / 11P
   Miniature UMTS Band II / PCS Duplexer
ACMD-7606 BOARDCOM-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com