Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAR3693FE Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MAR3693FE
Description  1553B Bus Controller/Remote Terminal
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAR3693FE Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button MAR3693FE Datasheet HTML 4Page - Dynex Semiconductor MAR3693FE Datasheet HTML 5Page - Dynex Semiconductor MAR3693FE Datasheet HTML 6Page - Dynex Semiconductor MAR3693FE Datasheet HTML 7Page - Dynex Semiconductor MAR3693FE Datasheet HTML 8Page - Dynex Semiconductor MAR3693FE Datasheet HTML 9Page - Dynex Semiconductor MAR3693FE Datasheet HTML 10Page - Dynex Semiconductor MAR3693FE Datasheet HTML 11Page - Dynex Semiconductor MAR3693FE Datasheet HTML 12Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MA3690/1/3
8/41
CONTINUOUS OPERATION
The continuous message table
operation mode can be achieved by
ensuring that at the end of a message the
HALTREQN line is high. Thus, assuming
that the message has executed correctly,
the terminal will generate a signal to
increment the external address counter
(INCADRN) and continue to the next
instruction. If, however there has been an
interrupt generated (IRQN active) the
terminal will halt in the HALTEDN state
until specifically requested to continue.
Note that no address increment will take
place. To continue execution the
HALTREQN line should be taken low to
high for the appropriate time.
Continuous table driven operation
results in an intermessage gap of 20us.
Figure 1 shows the instruction fetch
and execute cycle.
Figure 1: BC Instruction Fetch and Execute Cycle
Has
HALTREQ
gone low to
high ?
NO
YES
Set HALTED high
Fetch Instruction
Message
Command
Error ?
YES
NO
Execute
Instruction
Retry
Required ?
Retry
Count = 0 ?
YES
NO
YES
NO
Decrement
Retry Count
Output
Report Word
INT.
Required ?
YES
NO
Pulse IRQ
Increment
Instruction Address
HALTREQ
= 0 ?
YES
NO
SET HALTED low


Similar Part No. - MAR3693FE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
   very low tcrs
logo
Mini-Circuits
MAR-1 MINI-MAR-1 Datasheet
239Kb / 4P
   Monolithic Amplifier
MAR-1SM MINI-MAR-1SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
MAR-2SM MINI-MAR-2SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAR3693FE

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
   BCRT Bus Controller/Remote Terminal/Monitor
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
   MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com