Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24T32FVT-WGE2 Datasheet(PDF) 2 Page - Rohm

Part # BR24T32FVT-WGE2
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T32FVT-WGE2 Datasheet(HTML) 2 Page - Rohm

  BR24T32FVT-WGE2 Datasheet HTML 1Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 2Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 3Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 4Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 5Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 6Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 7Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 8Page - Rohm BR24T32FVT-WGE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Technical Note
2/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute maximum ratings (Ta=25℃)
●Memory cell characteristics (Ta=25℃, Vcc=1.7~
5.5V)
Parameter
Symbol
Ratings
Unit
Impressed voltage
VCC
-0.3~+6.5
V
Permissible
dissipation
Pd
450 (SOP8)
*1
mW
450 (SOP-J8)
*2
300 (SSOP-B8)
*3
330 (TSSOP-B8)
*4
310 (TSSOP-B8J)
*5
310 (MSOP8)
*6
300 (VSON008X2030)
*7
800 (DIP-T8)
*8
Storage
temperature range
Tstg
-65~+150
Action
temperature range
Topr
-40~+85
Terminal voltage
-0.3~Vcc+1.0
*9
V
Junction
temperature
*10
Tjmax
150
*1,*2 When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
*3,*7 When using at Ta=25℃ or higher 3.0mW to be reduced per 1℃.
*4
When using at Ta=25℃ or higher 3.3mW to be reduced per 1℃.
*5, *6 When using at Ta=25℃ or higher 3.1mW to be reduced per 1℃.
*8
When using at Ta=25℃ or higher 8.1mW to be reduced per 1℃.
*9
The Max value of Terminal Voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of
Terminal Voltage is not under -1.0V. (BR24T16/32/64/128/256/512/1M-W)
the Min value of Terminal Voltage is not under -0.8V. (BR24T01/02/04/08-W)
*10
Junction temperature at the storage condition.
Parameter
Limits
Unit
Min.
Typ.
Max
Number of data
rewrite times
*1
1,000,000
Times
Data hold years
*1
40
Years
*1Not 100% TESTED
●Recommended operating conditions
Parameter
Symbol
Ratings
Unit
Power source
voltage
Vcc
1.7~5.5
V
Input voltage
VIN
0~Vcc
●Electrical characteristics (Unless otherwise specified, Ta=-40~+85℃, VCC=1.7~5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
“H” input voltage 1
VIH1
0.7Vcc
Vcc+1.0
V
“L” input voltage 1
VIL1
-0.3
*2
0.3Vcc
V
“L” output voltage 1
VOL1
0.4
V
IOL=3.0mA, 2.5V≦Vcc≦5.5V (SDA)
“L” output voltage 2
VOL2
0.2
V
IOL=0.7mA, 1.7V≦Vcc<2.5V (SDA)
Input leak current
ILI
-1
1
µA
VIN=0~Vcc
Output leak current
ILO
-1
1
µA
VOUT=0~Vcc (SDA)
Current consumption
at action
ICC1
2.0
mA
Vcc=5.5V,fSCL=400kHz, tWR=5ms,
Byte write, Page write
BR24T01/02/04/08/16/32/64-W
2.5
Vcc=5.5V,fSCL=400kHz, tWR=5ms,
Byte write, Page write
BR24T128/256-W
4.5
Vcc=5.5V,fSCL=400kHz, tWR=5ms,
Byte write, Page write
BR24T512/1M-W
ICC2
0.5
mA
Vcc=5.5V,fSCL=400kHz
Random read, current read, sequential read
BR24T01/02/04/08/16/32/64/128/256-W
2.0
Vcc=5.5V,fSCL=400kHz
Random read, current read, sequential read
BR24T512/1M-W
Standby current
ISB
2.0
µA
Vcc=5.5V, SDA・SCL=Vcc
A0,A1,A2=GND,WP=GND
BR24T01/02/04/08/16/32/64/128/256-W
3.0
Vcc=5.5V, SDA・SCL=Vcc
A0, A1, A2=GND, WP=GND
BR24T512/1M-W
○ Radiation resistance design is not made.
*1
BR24T512/1M-W is a target value because it is developing.
*2
When the pulse width is 50ns or less, it is -1.0V. (BR24T16/32/64/128/256/512/1M-W)
When the pulse width is 50ns or less, it is -0.8V. (BR24T01/02/04/08-W)


Similar Part No. - BR24T32FVT-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T32FVT-WGE2 ROHM-BR24T32FVT-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T32FVT-WGE2 ROHM-BR24T32FVT-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T32FVT-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com