Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24T512FJ-WGE2 Datasheet(PDF) 8 Page - Rohm

Part # BR24T512FJ-WGE2
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T512FJ-WGE2 Datasheet(HTML) 8 Page - Rohm

Back Button BR24T512FJ-WGE2 Datasheet HTML 4Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 5Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 6Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 7Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 8Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 9Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 10Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 11Page - Rohm BR24T512FJ-WGE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Technical Note
8/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Write Command
○Write cycle
・Arbitrary data is written to EEPROM. When to write only 1 byte, byte write is normally used, and when to write
continuous data of 2 bytes or more, simultaneous write is possible by page write cycle. The maximum number of write
bytes is specified per device of each capacity. Up to 256 arbitrary bytes can be written.(In the case of BR24T1M-W)
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
WO R D
ADD R ESS(n )
DAT A (n)
SDA
LIN E
A
C
K
A
C
K
D A T A (n+ 15)
A
C
K
SL AVE
ADDR E SS
1 0
0
1A 0
A1
A2
WA
7
D0
D7
D 0
注 )
WA
0
A1
A2
WA
7
D7
1
1
0
0
W
R
I
T
E
S
T
A
R
T
R
/
W
S
T
O
P
WORD
ADDRESS
DATA
SLAVE
ADDRESS
A0
WA
0
D0
A
C
K
SDA
LINE
A
C
K
A
C
K
Note)
Fig.38 Byte write cycle
(BR24T01/02/04/08/16-W)
A1
A2
WA
14
1
1
0
0
W
R
I
T
E
S
T
A
R
T
R
/
W
S
T
O
P
1st WORD
ADDRESS
DATA
SLAVE
ADDRESS
A0
D0
A
C
K
SDA
LINE
A
C
K
A
C
K
Note)
WA
13
WA
12
WA
11
WA
0
A
C
K
2nd WORD
ADDRESS
D7
*1
WA
15
*1
As for WA12, BR24T32-W becomes Don't care.
As for WA13, BR24T32/64-W becomes Don't care.
As for WA14, BR24T32/64/128-W becomes Don't care.
As for WA15, BR24T32/64/128/256-W becomes Don't care.
Fig.39 Byte write cycle
(BR24T32/64/128/256/512/1M-W)
Fig.40 Page write cycle
(BR24T01/02/04/08/16-W)
Fig.41 Page write cycle
(BR24T32/64/128/256/512/1M-W)
*1
As for WA12, BR24T32-W becomes Don't care.
As for WA13, BR24T32/64-W becomes Don't care.
As for WA14, BR24T32/64/128-W becomes Don't care.
As for WA15, BR24T32/64/128/256-W becomes Don't care.
*2
As for BR24T128/256-W becomes (n+63)
As for BR24T512-W becomes (n+127)
As for BR24T1M-W becomes (n+255)
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
1st WORD
ADDRESS(n)
SDA
LINE
A
C
K
A
C
K
DATA(n+31)
A
C
K
SLAVE
ADDRESS
1
0
0
0
1
0
A0
A1
A2
WA
14
D0
注 )
*1
DATA(n)
D0
D7
A
C
K
2nd WORD
ADDRESS(n)
WA
0
WA
13
WA
12
WA
11
*2
Note)
Fig.42 Difference of slave address of each type
As for WA7, BR24T01-W becomes Don't care.
*1
As for WA7, BR24T01-W becomes Don't care.
*2
As for BR24T01/02-W becomes (n+7)
*2
*1
WA
15
*1
In BR24T16-W, A2 becomes P2.
*2
In BR24T08/16-W, A1 becomes P1.
*3
In BR24T04/08/16/1M-W A0 becomes P0.
1 0
0
1A 0
A1
A2
*1 *2 *3


Similar Part No. - BR24T512FJ-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T512FJ-WGE2 ROHM-BR24T512FJ-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T512FJ-WGE2 ROHM-BR24T512FJ-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T512FJ-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com