Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72220S2211K101 Datasheet(PDF) 3 Page - EPCOS

Part # B72220S2211K101
Description  SIOV metal oxide varistors Leaded varistors, AdvanceD series
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72220S2211K101 Datasheet(HTML) 3 Page - EPCOS

  B72220S2211K101 Datasheet HTML 1Page - EPCOS B72220S2211K101 Datasheet HTML 2Page - EPCOS B72220S2211K101 Datasheet HTML 3Page - EPCOS B72220S2211K101 Datasheet HTML 4Page - EPCOS B72220S2211K101 Datasheet HTML 5Page - EPCOS B72220S2211K101 Datasheet HTML 6Page - EPCOS B72220S2211K101 Datasheet HTML 7Page - EPCOS B72220S2211K101 Datasheet HTML 8Page - EPCOS B72220S2211K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 130 V
B72205S2131K101
S05K130E2
130
170
800
6.0
0.10
B72207S2131K101
S07K130E2
130
170
1750
12.5
0.25
B72210S2131K101
S10K130E2
130
170
3500
25.0
0.40
B72214S2131K101
S14K130E2
130
170
6000
50.0
0.60
B72220S2131K101
S20K130E2
130
170
10000
100.0
1.00
VRMS = 140 V
B72205S2141K101
S05K140E2
140
180
800
6.5
0.10
B72207S2141K101
S07K140E2
140
180
1750
13.5
0.25
B72210S2141K101
S10K140E2
140
180
3500
27.5
0.40
B72214S2141K101
S14K140E2
140
180
6000
55.0
0.60
B72220S2141K101
S20K140E2
140
180
10000
110.0
1.00
VRMS = 150 V
B72205S2151K101
S05K150E2
150
200
800
7.5
0.10
B72207S2151K101
S07K150E2
150
200
1750
15.0
0.25
B72210S2151K101
S10K150E2
150
200
3500
30.0
0.40
B72214S2151K101
S14K150E2
150
200
6000
60.0
0.60
B72220S2151K101
S20K150E2
150
200
10000
120.0
1.00
VRMS = 175 V
B72205S2171K101
S05K175E2
175
225
800
8.0
0.10
B72207S2171K101
S07K175E2
175
225
1750
17.0
0.25
B72210S2171K101
S10K175E2
175
225
3500
35.0
0.40
B72214S2171K101
S14K175E2
175
225
6000
70.0
0.60
B72220S2171K101
S20K175E2
175
225
10000
135.0
1.00
VRMS = 210 V
B72205S2211K101
S05K210E2
210
270
800
9.5
0.10
B72207S2211K101
S07K210E2
210
270
1750
20.0
0.25
B72210S2211K101
S10K210E2
210
270
3500
42.0
0.40
B72214S2211K101
S14K210E2
210
270
6000
80.0
0.60
B72220S2211K101
S20K210E2
210
270
10000
160.0
1.00
VRMS = 230 V
B72205S2231K101
S05K230E2
230
300
800
11.0
0.10
B72207S2231K101
S07K230E2
230
300
1750
23.0
0.25
B72210S2231K101
S10K230E2
230
300
3500
45.0
0.40
B72214S2231K101
S14K230E2
230
300
6000
90.0
0.60
B72220S2231K101
S20K230E2
230
300
10000
180.0
1.00
Leaded varistors
B722*
AdvanceD series
Page 3 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72220S2211K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S2211K101 EPCOS-B72220S2211K101 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
B72220S2211K101V87 TDK-B72220S2211K101V87 Datasheet
701Kb / 23P
   Leaded varistors, SuperioR, S25 series
January 2018
More results

Similar Description - B72220S2211K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72314S2XXX TDK-B72314S2XXX Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com