Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72220S2171K101 Datasheet(PDF) 5 Page - EPCOS

Part # B72220S2171K101
Description  SIOV metal oxide varistors Leaded varistors, AdvanceD series
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72220S2171K101 Datasheet(HTML) 5 Page - EPCOS

  B72220S2171K101 Datasheet HTML 1Page - EPCOS B72220S2171K101 Datasheet HTML 2Page - EPCOS B72220S2171K101 Datasheet HTML 3Page - EPCOS B72220S2171K101 Datasheet HTML 4Page - EPCOS B72220S2171K101 Datasheet HTML 5Page - EPCOS B72220S2171K101 Datasheet HTML 6Page - EPCOS B72220S2171K101 Datasheet HTML 7Page - EPCOS B72220S2171K101 Datasheet HTML 8Page - EPCOS B72220S2171K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 250 V
B72205S2251K101
S05K250E2
250
320
800
12.0
0.10
B72207S2251K101
S07K250E2
250
320
1750
25.0
0.25
B72210S2251K101
S10K250E2
250
320
3500
50.0
0.40
B72214S2251K101
S14K250E2
250
320
6000
100.0
0.60
B72220S2251K101
S20K250E2
250
320
10000
195.0
1.00
VRMS = 275 V
B72205S2271K101
S05K275E2
275
350
800
13.5
0.10
B72207S2271K101
S07K275E2
275
350
1750
27.5
0.25
B72210S2271K101
S10K275E2
275
350
3500
55.0
0.40
B72214S2271K101
S14K275E2
275
350
6000
110.0
0.60
B72220S2271K101
S20K275E2
275
350
10000
215.0
1.00
VRMS = 300 V
B72205S2301K101
S05K300E2
300
385
800
15.0
0.10
B72207S2301K101
S07K300E2
300
385
1750
30.0
0.25
B72210S2301K101
S10K300E2
300
385
3500
60.0
0.40
B72214S2301K101
S14K300E2
300
385
6000
125.0
0.60
B72220S2301K101
S20K300E2
300
385
10000
250.0
1.00
VRMS = 320 V
B72207S2321K101
S07K320E2
320
420
1750
32.0
0.25
B72210S2321K101
S10K320E2
320
420
3500
67.0
0.40
B72214S2321K101
S14K320E2
320
420
6000
136.0
0.60
B72220S2321K101
S20K320E2
320
420
10000
273.0
1.00
VRMS = 385 V
B72210S2381K101
S10K385E2
385
505
3500
67.0
0.40
B72214S2381K101
S14K385E2
385
505
5000
136.0
0.60
B72220S2381K101
S20K385E2
385
505
10000
273.0
1.00
VRMS = 420 V
B72210S2421K101
S10K420E2
420
560
3500
67.0
0.40
B72214S2421K101
S14K420E2
420
560
5000
136.0
0.60
B72220S2421K101
S20K420E2
420
560
10000
273.0
1.00
VRMS = 460 V
B72210S2461K101
S10K460E2
460
615
3500
70.0
0.40
B72214S2461K101
S14K460E2
460
615
5000
150.0
0.60
B72220S2461K101
S20K460E2
460
615
10000
300.0
1.00
Leaded varistors
B722*
AdvanceD series
Page 5 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72220S2171K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S2171K101 EPCOS-B72220S2171K101 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - B72220S2171K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72314S2XXX TDK-B72314S2XXX Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com