Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82432C1124000 Datasheet(PDF) 4 Page - EPCOS

Part # B82432C1124000
Description  Dimensional drawing and layout recommendation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432C1124000 Datasheet(HTML) 4 Page - EPCOS

  B82432C1124000 Datasheet HTML 1Page - EPCOS B82432C1124000 Datasheet HTML 2Page - EPCOS B82432C1124000 Datasheet HTML 3Page - EPCOS B82432C1124000 Datasheet HTML 4Page - EPCOS B82432C1124000 Datasheet HTML 5Page - EPCOS B82432C1124000 Datasheet HTML 6Page - EPCOS B82432C1124000 Datasheet HTML 7Page - EPCOS B82432C1124000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
1) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
Rated inductance LR
Measured with impedance analyzer Agilent 4294A
at frequency fL, 0.1 V, +20 °C
Q factor Qmin
Measured with impedance analyzer Agilent 4294A
at frequency fQ, +20 °C
Rated temperature TR
+85
qC
Rated current IR
Maximum permissible DC with inductance decrease
'L/L
0 d 10% and temperature increase
of
d 30 K at rated temperature
Self-resonance frequency fres,min
Measured with impedance analyzer Agilent E4991A, +20 °C
DC resistance Rmax
Measured at +20
qC
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245
r5) °C, (5 r0.3) s
Wetting of soldering area
t 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
+260
qC, 40 s (as referenced in JEDEC J-STD 020D)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +150 °C
Packaged: –25 °C … +40 °C,
d 75% RH
Weight
Approx. 130 mg
LR
PH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
:
fres,min
MHz
Ordering code1)
1.0
r10% K
1
40
7.96
600
0.28
200
B82432C1102K000
1.2
1
40
7.96
560
0.32
160
B82432C1122K000
1.5
1
40
7.96
535
0.35
120
B82432C1152K000
1.8
1
40
7.96
490
0.41
100
B82432C1182K000
2.2
1
40
7.96
480
0.43
90
B82432C1222K000
2.7
1
40
7.96
450
0.49
75
B82432C1272K000
3.3
1
40
7.96
425
0.55
60
B82432C1332K000
3.9
1
40
7.96
410
0.59
50
B82432C1392K000
4.7
1
40
7.96
390
0.65
40
B82432C1472K000
5.6
1
40
7.96
375
0.71
40
B82432C1562K000
6.8
1
40
7.96
360
0.78
35
B82432C1682K000
8.2
1
40
7.96
330
0.92
30
B82432C1822K000
^
B82432C
SMT inductors, SIMID series
SIMID 1812-C


Similar Part No. - B82432C1124000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432C1124K000 EPCOS-B82432C1124K000 Datasheet
159Kb / 8P
   SMT inductors
More results

Similar Description - B82432C1124000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1153K EPCOS-B82432T1153K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
logo
PhaseLink Corporation
TB502-02 PLL-TB502-02 Datasheet
32Kb / 1P
   Layout Recommendation and Test Board for PLL502-02
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
HDR12864-5 HANTRONIX-HDR12864-5 Datasheet
60Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com