Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X5ME1-M1-N Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2E-X5ME1-M1-N
Description  Short Barrel Inductive Prox
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X5ME1-M1-N Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2E-X5ME1-M1-N Datasheet HTML 1Page - Omron Electronics LLC E2E-X5ME1-M1-N Datasheet HTML 2Page - Omron Electronics LLC E2E-X5ME1-M1-N Datasheet HTML 3Page - Omron Electronics LLC E2E-X5ME1-M1-N Datasheet HTML 4Page - Omron Electronics LLC E2E-X5ME1-M1-N Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
E2E 3-Wire DC
E2E 3-Wire DC
6
J
STANDARD SIZE SENSORS
Part number
E2E-X1R5
Ej/Fj-N
E2E-X2ME
j
/Fj-N
E2E-X2Ej
/Fj-N
E2E-X5ME
j
/Fj-N
E2E-X5Ej
/Fj-N
E2E-X10M
Ej/Fj-N
E2E-X10E
j
/Fj-N
E2E-X18M
Ej/Fj-N
Size
M8
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Sensing distance
1.5 mm
(0.06 in)
±10%
2 mm (0.08
in) ±10%
2 mm (0.08
in) ±10%
5 mm (0.20
in) ±10%
5 mm (0.20
in) ±10%
10 mm
(0.39 in)
±10%
10 mm
(0.39 in)
±10%
18 mm
(0.71 in)
±10%
Supply voltage
(operating voltage
range) (See Note 1.)
12 to 24 VDC, ripple (p-p): 10% max., (10 to 40 VDC)
Current consumption
13 mA max.
Sensing object
Magnetic metals (refer to Engineering Data for non-magnetic metals)
Setting distance
0to1.2
mm (0 to
0.05 in)
0to1.6
mm (0 to
0.06 in)
0to1.6 mm
(0 to 0.06
in)
0to4.0 mm
(0 to 0.16
in)
0to4.0 mm
(0 to 0.16
in)
0to8.0 mm
(0 to 0.31
in)
0to8.0 mm
(0 to 0.31
in)
0to14.0
mm (0 to
0.55 in)
Standard object
(mild steel)
8x 8x
1 mm (0.31
x0.31 x
0.04 in)
12 x 12 x
1mm
(0.47 x 0.47
x0.04 in)
12 x 12 x
1mm
(0.47 x 0.47
x0.04 in)
15 x 15 x
1mm
(0.59 x 0.59
x0.04 in)
18 x 18 x
1mm
(0.71 x 0.71
x0.04 in)
30 x 30 x
1mm
(1.18 x 1.18
x0.04 in)
30 x 30 x
1mm
(1.18 x 1.18
x0.04 in)
54 x 54 x
1mm
(2.13 x 2.13
x0.04 in)
Differential travel
10% max. of sensing distance
Response frequency
2.0 kHz
0.8 kHz
1.5 kHz
0.4 kHz
0.6 kHz
0.2 kHz
0.4 kHz
0.1 kHz
Operation (with
sensing object
approaching)
E1 models: Load ON
E2 models: Load OFF
Control output
(switching capacity)
200 mA max.
Circuit protection
Reverse connection protection, surge absorber, load short-circuit protection
Indicator
Operation indicator (red LED)
Ambient temperature
(See Note 2.)
Operating: --40°Cto 85°C(--40°F to 185°F) with no icing
Ambient humidity
Operating: 35% to 95%
Temperature
influence
±15% max. of sensing distance at 23°C in temperature range of --40°Cto 85°C(--40°F to 185°F)
±10% max. of sensing distance at 23°C in temperature range of --25°Cto 70°C(--13°F to 158°F)
Voltage influence
±1% max. of sensing distance in rated voltage range ±15%
Residual voltage
2.0 V max. (under load current of 200 mA with cable length of 2 m)
Insulation resistance
50 MΩ min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC for 1 min. between current carry parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hrs each in X, Y, and Z axes
Shock resistance
500 m/s2 (approx. 50G)
for 10times eachinX, Y,
and Z axes
1,000 m/s2 (approx. 50G) for 10 times each in X, Y, and Z axes
500 m/s2 (approx. 50G) for E2E-X5M
Enclosure IEC
IP67
rating
NEMA
1, 4, 6, 12, 13
Weight
Pre-wired
Approx. 45 g
Approx. 120 g
Approx. 160 g
Approx. 270 g
g
Connector ---
Approx. 25 g
Approx. 45 g
Approx.
125 g
Approx.
124 g
Material
Body
Stainless steel
Brass
Sensing
face
PBT
Note: 1. E2E models with an M18 or M30 connector operate at a non-smoothed, all-wave rectified, mean voltage range of 24 VDC ±20%.
2. When using an E2E with an M8 connector at an ambient temperature range between 70°C and 85°C (158°F and 185°F), supply
10 to 30 VDC to the E2E and make sure that the E2E has a control output of 100 mA maximum.


Similar Part No. - E2E-X5ME1-M1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5ME1-M1 OMRON-E2E-X5ME1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E-X5ME1-M1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com