Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72210S2141K101 Datasheet(PDF) 8 Page - EPCOS

Part # B72210S2141K101
Description  SIOV metal oxide varistors Leaded varistors, AdvanceD series
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72210S2141K101 Datasheet(HTML) 8 Page - EPCOS

Back Button B72210S2141K101 Datasheet HTML 4Page - EPCOS B72210S2141K101 Datasheet HTML 5Page - EPCOS B72210S2141K101 Datasheet HTML 6Page - EPCOS B72210S2141K101 Datasheet HTML 7Page - EPCOS B72210S2141K101 Datasheet HTML 8Page - EPCOS B72210S2141K101 Datasheet HTML 9Page - EPCOS B72210S2141K101 Datasheet HTML 10Page - EPCOS B72210S2141K101 Datasheet HTML 11Page - EPCOS B72210S2141K101 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 510 V
B72210S2511K101
820
±10
1355
25.0
140
B72214S2511K101
820
±10
1355
50.0
240
B72220S2511K101
820
±10
1355
100.0
460
VRMS = 550 V
B72210S2551K101
910
±10
1500
25.0
120
B72214S2551K101
910
±10
1500
50.0
215
B72220S2551K101
910
±10
1500
100.0
410
VRMS = 625 V
B72210S2621K101
1000
±10
1650
25.0
110
B72214S2621K101
1000
±10
1650
50.0
200
B72220S2621K101
1000
±10
1650
100.0
380
VRMS = 680 V
B72210S2681K101
1100
±10
1815
25.0
100
B72214S2681K101
1100
±10
1815
50.0
180
B72220S2681K101
1100
±10
1815
100.0
340
Leaded varistors
B722*
AdvanceD series
Page 8 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72210S2141K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72210S2141K101 EPCOS-B72210S2141K101 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
B72210S2141K101 TDK-B72210S2141K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results

Similar Description - B72210S2141K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72314S2XXX TDK-B72314S2XXX Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com