Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82432C1123000 Datasheet(PDF) 5 Page - EPCOS

Part # B82432C1123000
Description  Dimensional drawing and layout recommendation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432C1123000 Datasheet(HTML) 5 Page - EPCOS

  B82432C1123000 Datasheet HTML 1Page - EPCOS B82432C1123000 Datasheet HTML 2Page - EPCOS B82432C1123000 Datasheet HTML 3Page - EPCOS B82432C1123000 Datasheet HTML 4Page - EPCOS B82432C1123000 Datasheet HTML 5Page - EPCOS B82432C1123000 Datasheet HTML 6Page - EPCOS B82432C1123000 Datasheet HTML 7Page - EPCOS B82432C1123000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
PH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
:
fres,min
MHz
Ordering code1)2)
10
r10% K
1
40
7.96
320
0.98
28
B82432C1103K000
12
0.1
30
2.52
300
1.10
24
B82432C1123K000
15
0.1
30
2.52
280
1.25
21
B82432C1153K000
18
0.1
30
2.52
270
1.35
18
B82432C1183K000
22
0.1
30
2.52
260
1.45
16
B82432C1223K000
27
0.1
30
2.52
245
1.65
13
B82432C1273K000
33
r5% J
r10% K
0.1
30
2.52
230
1.85
13
B82432C1333+000
39
0.1
30
2.52
220
2.05
12
B82432C1393+000
47
0.1
30
2.52
210
2.3
12
B82432C1473+000
56
0.1
30
2.52
200
2.5
11
B82432C1563+000
68
0.1
30
2.52
190
2.8
10
B82432C1683+000
82
0.1
30
2.52
175
3.2
9
B82432C1823+000
100
0.1
30
0.796
145
4.7
8
B82432C1104+000
120
0.1
30
0.796
140
5.2
8
B82432C1124+000
150
0.1
30
0.796
130
6.1
7
B82432C1154+000
180
0.1
30
0.796
120
6.9
6
B82432C1184+000
220
0.1
30
0.796
115
7.5
6
B82432C1224+000
270
0.1
30
0.796
90
12.5
5
B82432C1274+000
330
0.1
30
0.796
85
14.1
4.5
B82432C1334+000
390
0.1
30
0.796
80
15.3
4.2
B82432C1394+000
470
0.1
30
0.796
75
17.5
4.0
B82432C1474+000
560
0.1
30
0.796
70
23.0
3.5
B82432C1564+000
680
0.1
30
0.796
65
25.0
3.3
B82432C1684+000
820
0.1
30
0.796
60
28.0
3.0
B82432C1824+000
1000
0.1
30
0.796
55
32.0
2.8
B82432C1105+000
^
^
^
B82432C
SMT inductors, SIMID series
SIMID 1812-C


Similar Part No. - B82432C1123000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432C1123K000 EPCOS-B82432C1123K000 Datasheet
159Kb / 8P
   SMT inductors
More results

Similar Description - B82432C1123000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1153K EPCOS-B82432T1153K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
logo
PhaseLink Corporation
TB502-02 PLL-TB502-02 Datasheet
32Kb / 1P
   Layout Recommendation and Test Board for PLL502-02
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
HDR12864-5 HANTRONIX-HDR12864-5 Datasheet
60Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com