Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X1R5E1-M1-N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2E-X1R5E1-M1-N
Description  Short Barrel Inductive Prox
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X1R5E1-M1-N Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2E-X1R5E1-M1-N Datasheet HTML 1Page - Omron Electronics LLC E2E-X1R5E1-M1-N Datasheet HTML 2Page - Omron Electronics LLC E2E-X1R5E1-M1-N Datasheet HTML 3Page - Omron Electronics LLC E2E-X1R5E1-M1-N Datasheet HTML 4Page - Omron Electronics LLC E2E-X1R5E1-M1-N Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
2
Short Barrel Inductive Prox
E2E3-WIREDC
Short Barrel 3-Wire Prox Sensors
Meet IP67
H
Thick nickel-plated brass barrel has wrench
flats for easy installation
H
Solid potted internal circuitry withstands
shocks and water washdown to IP67
H
High visibility indicator
H
Miniature and standard sizes
Ordering Information
WHEN ORDERING, PLEASE NOTE:
Omron has added the suffix “-N” to standard size E2E part numbers for ordering purposes only; the suf-
fix “-N” will not appear on the product.
J
PREWIRED MINIATURE SENSORS
Type
Size
Sensing distance
Output
Part number
yp
g
p
configuration
NO
NC
Shielded
4mm
0 8 mm
NPN
E2E-CR8C1
E2E-CR8C2
Shielded
dia.
0.8 mm
PNP
E2E-CR8B1
E2E-CR8B2
M5
1 mm
NPN
E2E-X1C1
E2E-X1C2
1 mm
PNP
E2E-X1B1
E2E-X1B2
5.4 mm
1 mm
NPN
E2E-C1C1
E2E-C1C2
dia.
1 mm
PNP
E2E-C1B1
E2E-C1B2
J
PREWIRED SHIELDED STANDARD SENSORS
Type
Size
Sensing distance
Output
Part number
yp
g
p
configuration
NO
NC
Shielded
M8
1 5 mm
NPN
E2E-X1R5E1-N
E2E-X1R5E2-N
Shielded
1.5 mm
PNP
E2E-X1R5F1-N
E2E-X1R5F2-N
M12
2 mm
NPN
E2E-X2E1-N
E2E-X2E2-N
2mm
PNP
E2E-X2F1-N
E2E-X2F2-N
M18
5 mm
NPN
E2E-X5E1-N
E2E-X5E2-N
5mm
PNP
E2E-X5F1-N
E2E-X5F2-N
M30
10 mm
NPN
E2E-X10E1-N
E2E-X10E2-N
10 mm
PNP
E2E-X10F1-N
E2E-X10F2-N
Note: 1. A different oscillating frequency is available. Add a “5” to the part number (e.g., E2E-X5E15-N).
2. E2E sensors with robotic cable are available. Add a “-R” in the part number (e.g., E2E-X5E1-R-N).


Similar Part No. - E2E-X1R5E1-M1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X1R5E1-M1 OMRON-E2E-X1R5E1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
More results

Similar Description - E2E-X1R5E1-M1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com