Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57861S0303F045 Datasheet(PDF) 9 Page - EPCOS

Part # B57861S0303F045
Description  NTC thermistors for temperature measurement
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57861S0303F045 Datasheet(HTML) 9 Page - EPCOS

Back Button B57861S0303F045 Datasheet HTML 5Page - EPCOS B57861S0303F045 Datasheet HTML 6Page - EPCOS B57861S0303F045 Datasheet HTML 7Page - EPCOS B57861S0303F045 Datasheet HTML 8Page - EPCOS B57861S0303F045 Datasheet HTML 9Page - EPCOS B57861S0303F045 Datasheet HTML 10Page - EPCOS B57861S0303F045 Datasheet HTML 11Page - EPCOS B57861S0303F045 Datasheet HTML 12Page - EPCOS B57861S0303F045 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1.3.1
Solderability (test to IEC 60068-2-58)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Wetting of soldering areas
≥95%.
Solder
Bath temperature (
°C)
Dwell time (s)
SnPb 60/40
215
±3
3
±0.3
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
245
±3
3
±0.3
1.3.2
Resistance to soldering heat (test to IEC 60068-2-58)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Leaching of side edges
≤1/3.
Solder
Bath temperature (
°C)
Dwell time (s)
SnPb 60/40
260
±5
10
±1
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
260
±5
10
±1
Temperature measurement
B57861S
Miniature sensors with bendable wires
S861
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57861S0303F045

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57861S0303F045 EPCOS-B57861S0303F045 Datasheet
62Kb / 3P
   Miniature Sensors, Close B Value Tolerance
B57861S0303F045 EPCOS-B57861S0303F045 Datasheet
260Kb / 15P
   NTC thermistors for temperature measurement
B57861S0303F045 EPCOS-B57861S0303F045 Datasheet
262Kb / 14P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57861S0303F045 TDK-B57861S0303F045 Datasheet
458Kb / 20P
   NTC thermistors for temperature measurement
More results

Similar Description - B57861S0303F045

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com