Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32652A2472 Datasheet(PDF) 9 Page - EPCOS

Part # B32652A2472
Description  Metallized Polypropylene Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32652A2472 Datasheet(HTML) 9 Page - EPCOS

Back Button B32652A2472 Datasheet HTML 5Page - EPCOS B32652A2472 Datasheet HTML 6Page - EPCOS B32652A2472 Datasheet HTML 7Page - EPCOS B32652A2472 Datasheet HTML 8Page - EPCOS B32652A2472 Datasheet HTML 9Page - EPCOS B32652A2472 Datasheet HTML 10Page - EPCOS B32652A2472 Datasheet HTML 11Page - EPCOS B32652A2472 Datasheet HTML 12Page - EPCOS B32652A2472 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
250
160
150
5.0
× 10.5 × 18.0 B32652A3154+*** 4680
5200
4000
220
6.0
× 11.0 × 18.0 B32652A3224+*** 3840
4400
4000
330
7.0
× 12.5 × 18.0 B32652A3334+*** 3320
3600
1000
470
8.5
× 14.5 × 18.0 B32652A3474+*** 2720
2800
2000
680
9.0
× 17.5 × 18.0 B32652A3684+*** 2560
2800
2000
820
11.0
× 18.5 × 18.0 B32652A3824+***
2200
1000
1000
11.0
× 18.5 × 18.0 B32652A3105+***
2200
1000
400
200
68
5.0
× 10.5 × 18.0 B32652A4683+*** 4680
5200
4000
100
5.0
× 10.5 × 18.0 B32652A4104+*** 4680
5200
4000
150
6.0
× 11.0 × 18.0 B32652A4154+*** 3840
4400
4000
220
7.0
× 12.5 × 18.0 B32652A4224+*** 3320
3600
4000
330
8.5
× 14.5 × 18.0 B32652A4334+*** 2720
2800
2000
470
9.0
× 17.5 × 18.0 B32652A4474+*** 2560
2800
2000
560
11.0
× 18.5 × 18.0 B32652A4564+***
2200
1000
680
11.0
× 18.5 × 18.0 B32652A4684+***
2200
1000
630
250
33
5.0
× 10.5 × 18.0 B32652A6333+*** 4680
5200
4000
47
5.0
× 10.5 × 18.0 B32652A6473+*** 4680
2800
4000
68
6.0
× 11.0 × 18.0 B32652A6683+*** 3840
4400
4000
100
7.0
× 12.5 × 18.0 B32652A6104+*** 3320
3600
4000
150
8.5
× 14.5 × 18.0 B32652A6154+*** 2720
2800
2000
220
9.0
× 17.5 × 18.0 B32652A6224+*** 2560
2800
2000
330
11.0
× 18.5 × 18.0 B32652A6334+***
2200
1000
390
11.0
× 18.5 × 18.0 B32652A6394+***
2200
1000
B32652
High pulse (wound)
Page 9 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32652A2472

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32652A2472 EPCOS-B32652A2472 Datasheet
961Kb / 28P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A2472 EPCOS-B32652A2472 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32652A2472 EPCOS-B32652A2472 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A2472 EPCOS-B32652A2472 Datasheet
657Kb / 39P
   Film Capacitors
More results

Similar Description - B32652A2472

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com