Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24742 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24742
Description  Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24742 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24742 Datasheet HTML 2Page - Texas Instruments BQ24742 Datasheet HTML 3Page - Texas Instruments BQ24742 Datasheet HTML 4Page - Texas Instruments BQ24742 Datasheet HTML 5Page - Texas Instruments BQ24742 Datasheet HTML 6Page - Texas Instruments BQ24742 Datasheet HTML 7Page - Texas Instruments BQ24742 Datasheet HTML 8Page - Texas Instruments BQ24742 Datasheet HTML 9Page - Texas Instruments BQ24742 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
bq24741, bq24742
SLUS875B – MARCH 2009 – REVISED OCTOBER 2009
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SW
–0.8
24
V
PVCC, ACP, ACN, CSP, CSN, BAT
0
24
V
REGN, LODRV
0
6.5
V
VREF
3.3
V
Voltage range
VDAC
3.6
V
VADJ, ACSET, ISET, ACDET, FSET, IADAPT, LPMOD, LPREF, CE, CELLS,
0
5.5
V
EXTPWR, DPMDET, TRICKLE
BTST, HIDRV with respect to AGND and PGND
0
30
V
AGND, PGND
–0.3
0.3
V
Maximum difference voltage: ACP–ACN, CSP–CSN
–0.3
0.3
V
Junction temperature range
–40
125
°C
Storage temperature range
–55
150
°C
ELECTRICAL CHARACTERISTICS
9.0 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, Fs=600 kHz, typical values are at TA = 25°C, with respect to AGND (unless
otherwise noted)
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CONDITIONS
VPVCC_OP
PVCC input voltage operating range
9
24
V
CHARGE VOLTAGE REGULATION
VBAT_REG_RNG
BAT voltage regulation range
4-4.512 V per cell, times 2,3,4 cells
8
18.048
V
VVDAC_OP
VDAC reference voltage range
2.6
3.6
V
VVADJ_OP
VADJ voltage range
0
VDAC
V
8 V, 8.4 V, 9.024 V
–0.5
0.5
Charge voltage regulation accuracy
12 V, 12.6 V, 13.536 V
–0.5
0.5
%
16 V, 16.8 V, 18.048 V
–0.5
0.5
CHARGE CURRENT REGULATION (ENABLE CE & DISABLE TRICKLE)
VIREG_CHG
Charge current regulation differential
VIREG_CHG = VCSP – VCSN
0
100
mV
voltage range
VISET_OP
SRSET voltage range
0
VDAC
V
VIREG_CHG = 40 mV
–3%
3%
VIREG_CHG = 20 mV
–5%
5%
Charge current regulation accuracy
VIREG_CHG = 5 mV
–25%
25%
VIREG_CHG = 3 mV (VBAT ≥ 4 V)
–33%
33%
VIREG_CHG = 3 mV (VBAT < 4 V)
–50%
50%
VBAT ≥ 4 V
–1.0
1.0
Off-set Voltage of Amplifier
mV
VBAT < 4 V
–1.5
1.5
TRICKLE CHARGE CURRENT REGULATION (ENABLE CE & TRICKLE)
Charge Current Regulation Accuracy
VIREG_CHG = 3 mV
–33%
33%
Off-set Voltage of Amplifier
–1.0
1.0
mV
(1)
Verified by design
(2)
Deglitch time and delay are proportional to the period of oscillator, unless specified.
(3)
When CE=HIGH, the internal oscillator frequency is equal to external setting Fs; when CE=LOW, the internal oscillator frequency is fixed
internal setting 700 kHz.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24741 bq24742


Similar Part No. - BQ24742

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI1-BQ24740 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results

Similar Description - BQ24742

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 30P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com