Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4N10E Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4N10E
Description  Dual-N Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4N10E Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSG4N10E Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4N10E Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4N10E Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4N10E Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSG4N10E
4A, 100V, RDS(ON) 120mΩ
Dual-N Enhancement Mode Power MOSFET
21-May-2014 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE


Similar Part No. - SSG4N10E

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4N10E SECOS-SSG4N10E_15 Datasheet
562Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
More results

Similar Description - SSG4N10E

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
SSG9971A SECOS-SSG9971A Datasheet
422Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4940NC SECOS-SSG4940NC_15 Datasheet
581Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG05N10J SECOS-SSG05N10J Datasheet
244Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228_15 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4910N SECOS-SSG4910N_15 Datasheet
919Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com