Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5454 Datasheet(PDF) 8 Page - NEC

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5454 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5454 Datasheet HTML 4Page - NEC 2SC5454 Datasheet HTML 5Page - NEC 2SC5454 Datasheet HTML 6Page - NEC 2SC5454 Datasheet HTML 7Page - NEC 2SC5454 Datasheet HTML 8Page - NEC 2SC5454 Datasheet HTML 9Page - NEC 2SC5454 Datasheet HTML 10Page - NEC 2SC5454 Datasheet HTML 11Page - NEC 2SC5454 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5454
8
Preliminary Data Sheet
2SC5454
S PARAMETER
VCE = 5 V, IC = 20 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.584
–36.1
33.272
153.6
0.012
73.1
0.896
–19.7
200.00
0.503
–65.9
27.312
134.0
0.020
63.7
0.751
–34.7
300.00
0.434
–89.4
22.196
120.4
0.027
58.1
0.618
–43.4
400.00
0.385
–107.3
18.070
110.8
0.031
56.3
0.526
–48.9
500.00
0.361
–122.5
15.219
102.7
0.034
56.6
0.459
–51.9
600.00
0.341
–135.0
13.079
96.8
0.038
57.0
0.415
–54.6
700.00
0.331
–145.4
11.392
91.4
0.042
57.1
0.374
–56.9
800.00
0.327
–154.4
10.113
87.1
0.046
57.1
0.353
–58.8
900.00
0.325
–162.3
9.025
83.0
0.049
57.2
0.326
–61.5
1000.00
0.326
–169.1
8.193
79.2
0.054
57.6
0.312
–63.2
1100.00
0.329
–175.0
7.486
75.8
0.057
57.9
0.300
–65.7
1200.00
0.334
179.1
6.878
72.4
0.061
58.2
0.288
–68.2
1300.00
0.338
174.5
6.379
69.3
0.066
58.0
0.278
–71.6
1400.00
0.344
169.9
5.935
66.2
0.070
57.7
0.270
–74.6
1500.00
0.352
165.9
5.566
63.2
0.074
57.3
0.263
–78.1
1600.00
0.358
162.1
5.220
60.3
0.078
57.4
0.260
–81.1
1700.00
0.367
158.9
4.949
57.4
0.082
57.0
0.255
–85.8
1800.00
0.373
155.7
4.651
54.6
0.087
56.6
0.254
–88.9
1900.00
0.385
152.7
4.411
51.8
0.091
55.6
0.248
–94.5
2000.00
0.391
150.3
4.195
49.0
0.096
55.2
0.250
–96.7
2100.00
0.403
147.2
3.990
46.3
0.099
54.3
0.246
–103.1
2200.00
0.414
145.1
3.817
43.9
0.104
53.8
0.252
–104.1
2300.00
0.421
142.2
3.633
41.0
0.108
53.5
0.247
–111.5
2400.00
0.435
140.0
3.488
38.6
0.113
52.6
0.256
–112.0
2500.00
0.436
137.8
3.349
36.3
0.116
52.3
0.258
–118.4
2600.00
0.450
135.4
3.203
33.9
0.121
51.7
0.269
–118.7
2700.00
0.459
134.0
3.126
31.2
0.127
51.2
0.275
–125.1
2800.00
0.470
131.3
2.995
28.7
0.132
49.6
0.285
–127.4
2900.00
0.481
129.7
2.881
26.0
0.137
48.8
0.296
–133.1
3000.00
0.489
127.2
2.788
24.0
0.141
48.0
0.302
–136.2
VCE = 5 V, IC = 30 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.508
–42.8
38.283
149.9
0.011
72.3
0.861
–22.9
200.00
0.433
–76.3
30.011
129.4
0.019
61.8
0.692
–37.6
300.00
0.378
–100.7
23.555
116.0
0.023
59.8
0.558
–45.6
400.00
0.342
–119.6
18.822
107.1
0.028
59.3
0.472
–50.4
500.00
0.332
–133.8
15.690
99.5
0.032
59.2
0.411
–52.5
600.00
0.321
–145.1
13.390
93.9
0.036
61.0
0.369
–54.9
700.00
0.317
–154.9
11.613
89.1
0.041
60.5
0.337
–57.0
800.00
0.316
–163.1
10.259
84.9
0.045
60.7
0.315
–58.5
900.00
0.318
–169.9
9.171
81.1
0.048
61.6
0.297
–60.9
1000.00
0.323
–176.1
8.300
77.5
0.053
60.8
0.283
–62.7
1100.00
0.326
178.5
7.579
74.2
0.058
60.9
0.271
–65.6
1200.00
0.332
173.3
6.964
71.1
0.062
61.2
0.263
–67.9
1300.00
0.339
169.1
6.463
68.1
0.066
61.0
0.256
–71.6
1400.00
0.345
165.0
6.012
65.1
0.071
60.2
0.248
–74.6
1500.00
0.354
161.5
5.620
62.3
0.074
59.9
0.241
–78.7
1600.00
0.359
158.0
5.271
59.4
0.080
59.6
0.242
–82.4
1700.00
0.369
155.0
4.972
56.4
0.083
58.7
0.236
–86.8
1800.00
0.376
152.4
4.693
54.0
0.088
58.0
0.233
–90.5
1900.00
0.387
149.5
4.454
51.2
0.092
57.5
0.229
–96.2
2000.00
0.393
147.5
4.222
48.6
0.097
56.9
0.232
–97.9
2100.00
0.405
144.4
4.035
45.7
0.102
56.3
0.232
–104.8
2200.00
0.416
142.5
3.850
43.2
0.107
54.9
0.233
–106.3
2300.00
0.422
139.9
3.660
40.5
0.111
54.1
0.231
–114.3
2400.00
0.436
137.9
3.517
38.0
0.115
54.0
0.240
–113.8
2500.00
0.438
135.7
3.360
36.0
0.119
53.1
0.240
–120.9
2600.00
0.453
133.5
3.235
33.6
0.124
52.5
0.254
–121.0
2700.00
0.461
132.3
3.147
31.0
0.130
51.6
0.262
–127.4
2800.00
0.473
129.6
3.010
28.6
0.135
50.2
0.270
–129.8
2900.00
0.483
128.1
2.905
25.9
0.140
49.3
0.283
–135.7
3000.00
0.491
125.6
2.800
23.9
0.144
48.1
0.286
–138.5


Similar Part No. - 2SC5454

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5454 RENESAS-2SC5454 Datasheet
188Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
California Eastern Labs
2SC5454 CEL-2SC5454 Datasheet
2Mb / 9P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Renesas Technology Corp
2SC5454 RENESAS-2SC5454_15 Datasheet
188Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
More results

Similar Description - 2SC5454

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5455 RENESAS-2SC5455_15 Datasheet
189Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC5455 RENESAS-2SC5455 Datasheet
189Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC5454 RENESAS-2SC5454 Datasheet
188Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
NEC
2SC5455 NEC-2SC5455 Datasheet
79Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
Renesas Technology Corp
2SC5454 RENESAS-2SC5454_15 Datasheet
188Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
2SC1623 RENESAS-2SC1623_15 Datasheet
229Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NEC
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com