Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-91-3083 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-91-3083
Description  2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 8 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

15-91-3083 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-91-3083 Datasheet HTML 1Page - Molex Electronics Ltd. 15-91-3083 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
260
Material Info
Old Part Number
70634-0077
Reference - Drawing Numbers
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70634-****
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15-91-3083

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-3083 MOLEX2-15-91-3083 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120" Pocket, Shrouded
15-91-3083 MOLEX2-15-91-3083 Datasheet
497Kb / 4P
   2.54mm (.100) Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 2 Circuits
More results

Similar Description - 15-91-3083

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-3043 MOLEX2-15-91-3043 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 4 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3033 MOLEX11-15-91-3033 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 3 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3153 MOLEX5-15-91-3153 Datasheet
51Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3253 MOLEX7-15-91-3253 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 25 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3123 MOLEX5-15-91-3123 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3133 MOLEX5-15-91-3133 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 13 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3193 MOLEX5-15-91-3193 Datasheet
40Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 19 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3073 MOLEX7-15-91-3073 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 7 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3143 MOLEX5-15-91-3143 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 14 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-3103 MOLEX5-15-91-3103 Datasheet
47Kb / 2P
   2.54mm Pitch SL??Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 10 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com