Electronic Components Datasheet Search |
|
S08B-XASS-1N-BN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
S08B-XASS-1N-BN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page Radial Tape Emboss Tape XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style connectors 0.05 D 2.5 min 2.8 φ0.9 +0.1 0 (15.1) 2.7 9.2 ± 0.05 ± 2.5 0.05 ± φ0.9 (6.9) 2.5 ±0.05 +0.1 0 φ0.9 φ1.2 ±0.05 +0.1 0 2.5 ±0.05 1.6 +0.1 0 ± 0.1 1.3 ± 0.1 1.2 ± 0.03 2.5 ± 0.05 2.3 ± 0.05 A (1.4) (8.0) (1.0) • Secure locking device • Solder crack preventive material • Low insertion force • Insertion guide mechanism • Applicable to automatic board mounting machine • Polarizing boss Specifications ––––––––––––––––––– • Current rating: 3A AC DC (AWG #22, #20) • Voltage rating: 250V AC DC • Temperature range: -25˚C to +85˚C (including temperature rise in applying electrical current) • Contact resistance: Initial value/10m Ω max. After environmental testing/20m Ω max. • Insulation resistance: 1,000M Ω min. • Withstanding voltage: 1,000V AC/minute • Applicable wire: AWG #28 to #20 • Applicable PC board thickness: 1.6mm * Compliant with RoHS. * Refer to "General Instruction and Notice when using Terminals and Connectors" at the end of this catalog. * Contact JST for details. Standards––––––––––––––––––––––– 0 Recognized E60389 1CertifiedLR20812 2R9851220 Side entry type Top entry type Top entry type with a boss without a boss Dimension D: Refer to the Model No. chart of header side entry type. 〈Through-hole type〉 〈SMT type〉 Note: 1. Tolerances are non-cumulative: ±0.05mm for all centers. 2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details. PC board layout (viewed from component side) and Assembly layout 1 |
Similar Part No. - S08B-XASS-1N-BN |
|
Similar Description - S08B-XASS-1N-BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |