Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B02B-XASK-1N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B02B-XASK-1N
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B02B-XASK-1N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B02B-XASK-1N Datasheet HTML 1Page - List of Unclassifed Manufacturers B02B-XASK-1N Datasheet HTML 2Page - List of Unclassifed Manufacturers B02B-XASK-1N Datasheet HTML 3Page - List of Unclassifed Manufacturers B02B-XASK-1N Datasheet HTML 4Page - List of Unclassifed Manufacturers B02B-XASK-1N Datasheet HTML 5Page - List of Unclassifed Manufacturers B02B-XASK-1N Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Without a boss
With a boss
Q'ty / box
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
20
B02B-XASK-1
B03B-XASK-1
B04B-XASK-1
B05B-XASK-1
B06B-XASK-1
B07B-XASK-1
B08B-XASK-1
B09B-XASK-1
B10B-XASK-1
B11B-XASK-1
B12B-XASK-1
B13B-XASK-1
B14B-XASK-1
B15B-XASK-1
B20B-XASK-1
B02B-XASK-1-A
B03B-XASK-1-A
B04B-XASK-1-A
B05B-XASK-1-A
B06B-XASK-1-A
B07B-XASK-1-A
B08B-XASK-1-A
B09B-XASK-1-A
B10B-XASK-1-A
B11B-XASK-1-A
B12B-XASK-1-A
B13B-XASK-1-A
B14B-XASK-1-A
B15B-XASK-1-A
B20B-XASK-1-A
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
47.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
52.5
1,000
400
400
400
400
250
250
250
250
200
200
100
100
100
100
Top entry type
A
0.6
φ
2.5
B
φ1
1.6
3.2
6.4
1.6
Circuit No.1
H JST
B
12.6
A
9.2
1.8
φ0.6
2.5
2.7
Circuit No.1
Circuit
No.1 Mark
B
A
6.4
3.2
φ0.6
2.5
Circuit No.1
XA CONNECTOR
Circuits
Model No.
AB
D
Material and Finish
Side entry type with a hook
S02B-XASS-1
S03B-XASK-1
S04B-XASK-1
S05B-XASK-1
S06B-XASK-1
S07B-XASK-1
S08B-XASK-1
S09B-XASK-1
S10B-XASK-1
S11B-XASK-1
S12B-XASK-1
S13B-XASK-1
S14B-XASK-1
Q'ty / box
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
9
10
11
12
13
14
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
Dimensions (mm)
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
250
250
200
200
200
200
100
100
100
100
100
100
100
2.5
7.8
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
Circuits
Model No.
Q'ty / bag
2
3
4
5
6
7
8
9
10
11
12
13
14
15
XMS-02V
XMS-03V
XMS-04V
XMS-05V
XMS-06V
XMS-07V
XMS-08V
XMS-09V
XMS-10V
XMS-11V
XMS-12V
XMS-13V
XMS-14V
XMS-15V
A
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Retainer
RoHS compliance
Through-hole type shrouded header
Top entry type
without a boss
Top entry type
with a boss
Side entry type
with a hook
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for gold-plated products.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. Dimension D…See PC board layout.
2. Contact JST for gold-plated products.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S02B-XASK-1-
S…natural (ivory)
K…black R…red E…blue M…green Y…yellow
3


Similar Part No. - B02B-XASK-1N

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B02B-BNISK-A-1 JST-B02B-BNISK-A-1 Datasheet
118Kb / 4P
   3.3mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B02B-PAFYK- ETC2-B02B-PAFYK- Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B02B-PAFYK-1A ETC2-B02B-PAFYK-1A Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PAFYK-1A ETC2-B02B-PAFYK-1A Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
B02B-PAFYK-1A JST-B02B-PAFYK-1A Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - B02B-XASK-1N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com