Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF173 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MRF173
Description  The RF MOSFET Line 80W, 175MHz, 28V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF173 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MRF173 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MRF173 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
The RF MOSFET Line
80W, 175MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF173
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF173 MOTOROLA-MRF173 Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Tyco Electronics
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
   The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173 NJSEMI-MRF173 Datasheet
103Kb / 2P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF173CQ MOTOROLA-MRF173CQ Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
More results

Similar Description - MRF173

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
   The RF MOSFET Line 80W, 175MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
   The RF MOSFET Line 80W, 175MHz, 28V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
   The RF MOSFET Line 80W, 175MHz, 28V
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880T MA-COM-DU2880T Datasheet
145Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880V MA-COM-DU2880V Datasheet
154Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
   The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
   The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
   The RF MOSFET Line 100W, 400MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com