Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78B2GC8XX1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 78B2GC8XX1
Description  4GB DDR3 SDRAM SODIMM with SPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

78B2GC8XX1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  78B2GC8XX1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 78B2GC8XX1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 78B2GC8XX1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 78B2GC8XX1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78B2GC8XX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78B2GC8XX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 78B2GC8XX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin Description
Pin name
Function
A0 to A14
Address input
Row address
A0 to A14
Column address
A0 to A9
A10 (AP)
Auto precharge
A12 (/BC)
Burst chop
BA0, BA1, BA2
Bank select address
DQ0 to DQ63
Data input/output
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0, CK1
Clock input
/CK0, /CK1
Differential clock input
DQS0 to DQS7, /DQS0 to /DQS7
Input and output data strobe
DM0 to DM7
Input mask
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0, SA1
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREFCA
Reference voltage for CA
VREFDQ
Reference voltage for DQ
VSS
Ground
VTT
I/O termination supply for SDRAM
/RESET
Set DRAM to known state
ODT0, ODT1
ODT control
/EVENT
Temperature event pin
NC
No connection
Apacer Memory Product Specification


Similar Part No. - 78B2GC8XX1

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
78B03T GRAYHILL-78B03T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
78B04T GRAYHILL-78B04T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
78B05T GRAYHILL-78B05T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
78B06T GRAYHILL-78B06T Datasheet
767Kb / 2P
   Thru-Hole DIP Switches
More results

Similar Description - 78B2GC8XX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com