Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF154 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MRF154
Description  Broadband RF Power MOSFET 600W, to 80MHz, 50V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF154 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MRF154 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Broadband RF Power MOSFET
600W, to 80MHz, 50V
M/A-COM Products
Released - Rev. 07.07
MRF154
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF154 MACOM-MRF154 Datasheet
175Kb / 7P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
More results

Similar Description - MRF154

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF157 MA-COM-MRF157 Datasheet
327Kb / 9P
   Linear RF Power MOSFET 600W, to 80MHz
MRF157 MA-COM-MRF157 Datasheet
327Kb / 9P
   Linear RF Power MOSFET 600W, to 80MHz
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
   MOSFET BROADBAND RF POWER FET
logo
Motorola, Inc
MRF166 MOTOROLA-MRF166 Datasheet
154Kb / 8P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
   MOSFET BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com