Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF151A Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MRF151A
Description  RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF151A Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MRF151A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF151A Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RF Power Field-Effect Transistor
150W, 50V, 175MHz N-Channel Broadband MOSFET
M/A-COM Products
RoHS Compliant
MRF151A
Part Status: Released
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF151A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF151A MACOM-MRF151A Datasheet
282Kb / 8P
   The RF MOSFET Line RF Power Field-Effect Transistor N-Channel Enhancement-Mode MOSFET
logo
M/A-COM Technology Solu...
MRF151A MA-COM-MRF151A Datasheet
351Kb / 8P
   RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
MRF151A MA-COM-MRF151A_15 Datasheet
351Kb / 8P
   RF Power Field-Effect Transistor
MRF151A MA-COM-MRF151A_17 Datasheet
818Kb / 9P
   RF Power Field-Effect Transistor
More results

Similar Description - MRF151A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF151A MA-COM-MRF151A Datasheet
351Kb / 8P
   RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
   RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151 MA-COM-MRF151 Datasheet
350Kb / 8P
   RF Power Field-Effect Transistor 150 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
   RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
   RF Power FET 150W, to 175MHz, 28V
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
   RF Power FET 150W, to 175MHz, 28V
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com