Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVF-61T-P20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SVF-61T-P20
Description  6.2mm pitch/Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SVF-61T-P20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SVF-61T-P20 Datasheet HTML 1Page - List of Unclassifed Manufacturers SVF-61T-P20 Datasheet HTML 2Page - List of Unclassifed Manufacturers SVF-61T-P20 Datasheet HTML 3Page - List of Unclassifed Manufacturers SVF-61T-P20 Datasheet HTML 4Page - List of Unclassifed Manufacturers SVF-61T-P20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
11.4
17.6
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
Model No.
Circuits
Q'ty /
bag
2, 4
3, 6
4(single-row),8
12
VLS-02V
VLS-03V
VLS-08V
VLS-12V
1,000
1,000
1,000
1,000
Material
PA 66, UL94V-0, natural (white)
Model No.
Circuits
Q'ty / bag
2
3
4
4(single-row)
6
8
12
VLP-02V-1
VLP-03V-1
VLP-04V-1
VLP-04VN-1
VLP-06V-1
VLP-08V-1
VLP-12V-1
500
500
500
500
500
200
100
6.2
15.0
6.2
25.8
6.2
19.6
6.2
25.8
38.2
6.2
6.2
19.6
6.2
15.0
23.8
36.2
(2 circuits)
(3 circuits)
(4 circuits)
(6 circuits)
(8 circuits)
(Single-row 4 circuits)
Housing (Outer-housing lock)
(12 circuits)
RoHS compliance
Retainer
(2, 4 circuits)
(3, 6 circuits)
(Single-row 4 circuits, 8 circuits) (12 circuits)
RoHS compliance
VL CONNECTOR


Similar Part No. - SVF-61T-P20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVF-61T-P2.0 ETC2-SVF-61T-P2.0 Datasheet
228Kb / 4P
   6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results

Similar Description - SVF-61T-P20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B12P-VL ETC2-B12P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
B04P-VL ETC2-B04P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
   6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com