Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJP1943RTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJP1943RTU
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJP1943RTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJP1943RTU Datasheet HTML 1Page - Fairchild Semiconductor FJP1943RTU Datasheet HTML 2Page - Fairchild Semiconductor FJP1943RTU Datasheet HTML 3Page - Fairchild Semiconductor FJP1943RTU Datasheet HTML 4Page - Fairchild Semiconductor FJP1943RTU Datasheet HTML 5Page - Fairchild Semiconductor FJP1943RTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP1943 Rev. B
1
November 2008
FJP1943
PNP Epitaxial Silicon Transistor
Applications
• High-Fidelity Audio Output Amplifier
• General Purpose Power Amplifier
Features
• High Current Capability: IC = -15A.
• High Power Dissipation : 80watts.
• High Frequency : 30MHz.
• High Voltage : VCEO= -230V
• Wide S.O.A for reliable operation.
• Excellent Gain Linearity for low THD.
• Complement to FJP5200
• Full thermal and electrical Spice models are available.
• Same transistor is also available in:
-- TO264 package, 2SA1943/FJL4215 : 150 watts
-- TO3P package, 2SA1962/FJA4213 : 130 watts
-- TO220F package, FJPF1943 : 50 watts
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
hFE Classification
Symbol
Parameter
Ratings
Units
BVCBO
Collector-Base Voltage
-230
V
BVCEO
Collector-Emitter Voltage
-230
V
BVEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-15
A
IB
Base Current
-1.5
A
PD
Total Device Dissipation(TC=25°C)
Derate above 25
°C
80
0.64
W
W/
°C
TJ, TSTG
Junction and Storage Temperature
- 50 ~ +150
°C
Symbol
Parameter
Ratings
Units
RθJC
Thermal Resistance, Junction to Case
1.25
°C/W
Classification
R
O
hFE1
55 ~ 110
80 ~ 160
TO-220
1
1.Base
2.Collector
3.Emitter


Similar Part No. - FJP1943RTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP1943 FAIRCHILD-FJP1943 Datasheet
561Kb / 5P
   Audio Power Amplifier
More results

Similar Description - FJP1943RTU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com