Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJC2383 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJC2383
Description  NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJC2383 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJC2383 Datasheet HTML 1Page - Fairchild Semiconductor FJC2383 Datasheet HTML 2Page - Fairchild Semiconductor FJC2383 Datasheet HTML 3Page - Fairchild Semiconductor FJC2383 Datasheet HTML 4Page - Fairchild Semiconductor FJC2383 Datasheet HTML 5Page - Fairchild Semiconductor FJC2383 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
FJC2383 Rev. B
hFE Classification
Package Marking and Ordering Information
Classification
O
Y
hFE
100 ~ 200
160 ~ 320
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
2383
FJC2383
SOT-89
13”
--
4,000


Similar Part No. - FJC2383

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
More results

Similar Description - FJC2383

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
   COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
   COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
KEC(Korea Electronics)
KTC3228 KEC-KTC3228 Datasheet
448Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
logo
List of Unclassifed Man...
2SD402 ETC-2SD402 Datasheet
42Kb / 1P
   Color TV Vertical Deflection Output
2SD1587 ETC-2SD1587 Datasheet
30Kb / 1P
   Color TV Vertical Deflection Output
logo
NTE Electronics
NTE2324 NTE-NTE2324 Datasheet
21Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com