Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30SMCJ130 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 30SMCJ130
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

30SMCJ130 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  30SMCJ130 Datasheet HTML 1Page - Pan Jit International Inc. 30SMCJ130 Datasheet HTML 2Page - Pan Jit International Inc. 30SMCJ130 Datasheet HTML 3Page - Pan Jit International Inc. 30SMCJ130 Datasheet HTML 4Page - Pan Jit International Inc. 30SMCJ130 Datasheet HTML 5Page - Pan Jit International Inc. 30SMCJ130 Datasheet HTML 6Page - Pan Jit International Inc. 30SMCJ130 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
November 2,2012-REV.10
3.0SMCJ SERIES
Part Number
Reverse
S tand-off
Voltage
B reakdown
Vo lta ge
TestC urrent
Reverse
Leakage
Max.
Clamp
Voltage
10/1000 μs
Peak
Pulse
Current
10/1000μs
Marking Code
V RWM
(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
3000W Transient Voltage Suppressor
3.0SMCJ5.0
3.0SMCJ5.0C
5
6.4
7.55
10
1000
2000
9.6
312.5
HDD
IDD
3.0SMCJ5.0A
3.0SMCJ5.0CA
5
6.4
7.25
10
1000
2000
9.2
326
HDE
IDE
3.0SMCJ6.0
3.0SMCJ6.0C
6
6.67
8.45
10
1000
2000
11.4
263.2
HDF
IDF
3.0SMCJ6.0A
3.0SMCJ6.0CA
6
6.67
7.67
10
1000
2000
10.3
291.3
HDG
IDG
3.0SMCJ6.5
3.0SMCJ6.5C
6.5
7.22
9.14
10
500
1000
12.3
243.9
HDH
IDH
3.0SMCJ6.5A
3.0SMCJ6.5CA
6.5
7.22
8.3
10
500
1000
11.2
267.9
HDK
IDK
3.0SMCJ7.0
3.0SMCJ7.0C
7
7.78
9.86
10
200
400
13.3
225.6
HDL
IDL
3.0SMCJ7.0A
3.0SMCJ7.0CA
7
7.78
8.95
10
200
400
12
250
HDM
IDM
3.0SMCJ7.5
3.0SMCJ7.5C
7.5
8.33
10.67
1
100
200
14.3
209.8
HDN
IDN
3.0SMCJ7.5A
3.0SMCJ7.5CA
7.5
8.33
9.6
1
100
200
12.9
232.6
HDP
IDP
3.0SMCJ8.0
3.0SMCJ8.0C
8
8.89
11.3
1
50
100
15.00
200
HDQ
IDQ
3.0SMCJ8.0A
3.0SMCJ8.0CA
8
8.89
10.23
1
50
100
13.6
220.6
HDR
IDR
3.0SMCJ8.5
3.0SMCJ8.5C
8.5
9.44
11.92
1
25
50
15.9
188.8
HDS
IDS
3.0SMCJ8.5A
3.0SMCJ8.5CA
8.5
9.44
10.82
1
25
50
14.4
208.4
HDT
IDT
3.0SMCJ9.0
3.0SMCJ9.0C
9
10
12.6
1
10
20
16.9
177.4
HDU
IDU
3.0SMCJ9.0A
3.0SMCJ9.0CA
9
10
11.5
1
10
20
15.4
194.8
HDV
IDV
3.0SMCJ10
3.0SMCJ10C
10
11.1
14.1
1
3
3
18.8
159.6
HDW
IDW
3.0SMCJ10A
3.0SMCJ10CA
10
11.1
12.8
1
3
3
17
176.4
HDX
IDX
3.0SMCJ11
3.0SMCJ11C
11
12.2
15.4
1
3
3
20.1
149.2
HDY
IDY
3.0SMCJ11A
3.0SMCJ11CA
11
12.2
14
1
3
3
18.2
184.8
HDZ
IDZ
3.0SMCJ12
3.0SMCJ12C
12
13.3
16.9
1
3
3
22
136.4
HED
IED
3.0SMCJ12A
3.0SMCJ12CA
12
13.3
15.3
1
3
3
19.9
150.6
HEE
IEE
3.0SMCJ13
3.0SMCJ13C
13
14.4
18.2
1
3
3
23.8
126
HEF
IEF
3.0SMCJ13A
3.0SMCJ13CA
13
14.4
16.5
1
3
3
21.5
139.4
HEG
IEG
3.0SMCJ14
3.0SMCJ14C
14
15.6
19.8
1
3
3
25.8
116.2
HEH
IEH
3.0SMCJ14A
3.0SMCJ14CA
14
15.6
17.9
1
3
3
23.2
129.4
HEK
IEK
3.0SMCJ15
3.0SMCJ15C
15
16.7
21.1
1
3
3
26.9
111.6
HEL
IEL
3.0SMCJ15A
3.0SMCJ15CA
15
16.7
19.2
1
3
3
24.4
123
HEM
IEM
3.0SMCJ16
3.0SMCJ16C
16
17.8
22.6
1
3
3
28.8
104.2
HEN
IEN
3.0SMCJ16A
3.0SMCJ16CA
16
17.8
20.5
1
3
3
26
115.4
HEP
IEP
3.0SMCJ17
3.0SMCJ17C
17
18.9
23.9
1
3
3
30.5
98.4
HEQ
IEQ
3.0SMCJ17A
3.0SMCJ17CA
17
18.9
21.7
1
3
3
27.6
106.6
HER
IER
3.0SMCJ18
3.0SMCJ18C
18
20
25.3
1
3
3
32.2
93.2
HES
IES
3.0SMCJ18A
3.0SMCJ18CA
18
20
23.3
1
3
3
29.2
102.8
HET
IET
3.0SMCJ20
3.0SMCJ20C
20
22.2
28.1
1
3
3
35.8
83.8
HEU
IEU
3.0SMCJ20A
3.0SMCJ20CA
20
22.2
25.5
1
3
3
32.4
92.6
HEV
IEV
3.0SMCJ22
3.0SMCJ22C
22
24.4
30.9
1
3
3
39.4
76.2
HEW
IEW
3.0SMCJ22A
3.0SMCJ22CA
22
24.4
28
1
3
3
35.5
84.4
HEX
IEX
3.0SMCJ24
3.0SMCJ24C
24
26.7
33.8
1
3
3
43
69.8
HEY
IEY
3.0SMCJ24A
3.0SMCJ24CA
24
26.7
30.7
1
3
3
38.9
77.2
HEZ
IEZ
3.0SMCJ26
3.0SMCJ26C
26
28.9
36.6
1
3
3
46.6
64.4
HFD
IFD
3.0SMCJ26A
3.0SMCJ26CA
26
28.9
33.2
1
3
3
42.1
71.2
HFE
IFE
3.0SMCJ28
3.0SMCJ28C
28
31.1
39.4
1
3
3
50
60
HFF
IFF
3.0SMCJ28A
3.0SMCJ28CA
28
31.1
35.8
1
3
3
45.4
66
HFG
IFG
3.0SMCJ30
3.0SMCJ30C
30
33.3
42.2
1
3
3
53.5
56
HFH
IFH
3.0SMCJ30A
3.0SMCJ30CA
30
33.3
38.3
1
3
3
48.4
62
HFK
IFK
3.0SMCJ33
3.0SMCJ33C
33
36.7
46.5
1
3
3
59
50.4
HFL
IFL
3.0SMCJ33A
3.0SMCJ33CA
33
36.7
42.2
1
3
3
53.3
56.2
HFM
IFM
3.0SMCJ36
3.0SMCJ36C
36
40
50.7
1
3
3
64.3
46.6
HFN
IFN
3.0SMCJ36A
3.0SMCJ36CA
36
40
46
1
3
3
58.1
51.6
HFP
IFP
3.0SMCJ40
3.0SMCJ40C
40
44.4
56.3
1
3
3
71.4
42
HFQ
IFQ
3.0SMCJ40A
3.0SMCJ40CA
40
44.4
51.1
1
3
3
64.5
46.4
HFR
IFR
3.0SMCJ43
3.0SMCJ43C
43
47.8
60.5
1
3
3
76.7
39.2
HFS
IFS


Similar Part No. - 30SMCJ130

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
30SMCJ TAYCHIPST-30SMCJ Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
30SMCJ50 DIOTEC-30SMCJ50 Datasheet
124Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
30SMCJ50 DIOTEC-30SMCJ50 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
30SMCJ50 DIOTEC-30SMCJ50_18 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - 30SMCJ130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Pan Jit International I...
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com