Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE160 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P6KE160
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE160 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P6KE160 Datasheet HTML 1Page - Pan Jit International Inc. P6KE160 Datasheet HTML 2Page - Pan Jit International Inc. P6KE160 Datasheet HTML 3Page - Pan Jit International Inc. P6KE160 Datasheet HTML 4Page - Pan Jit International Inc. P6KE160 Datasheet HTML 5Page - Pan Jit International Inc. P6KE160 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
November 15,2012-REV.07
P6KE SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
Test
Current
Reverse Leakage
Max.
Clamp
Voltage
10/1000μs
Peak
Pulse
Current
10/1000μs
Marking Code
VRWM
(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Max.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
600W Transient Voltage Suppressor
P6KE6.8
P6KE6.8C
5.5
6.12
7.48
10
1000
2000
10.8
56
P6KE6.8
P6KE6.8C
P6KE6.8A
P6KE6.8CA
5.8
6.45
7.14
10
1000
2000
10.5
57
P6KE6.8A P6KE6.8CA
P6KE7.5
P6KE7.5C
6.05
6.75
8.25
10
500
1000
11.7
51
P6KE7.5
P6KE7.5C
P6KE7.5A
P6KE7.5CA
6.4
7.13
7.88
10
500
1000
11.3
53
P6KE7.5A P6KE7.5CA
P6KE8.2
P6KE8.2C
6.63
7.38
9.02
10
200
400
12.5
48
P6KE8.2
P6KE8.2C
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
200
400
12.1
50
P6KE8.2A P6KE8.2CA
P6KE9.1
P6KE9.1C
7.37
8.19
10
1
50
100
13.8
44
P6KE9.1
P6KE9.1C
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.50
1
50
100
13.4
45
P6KE9.1A P6KE9.1CA
P6KE10
P6KE10C
8.1
9
11
1
10
20
15
40
P6KE10
P6KE10C
P6KE10A
P6KE10CA
8.55
9.5
10.50
1
10
20
14.5
41
P6KE10A
P6KE10CA
P6KE11
P6KE11C
8.92
9.9
12
1
5
10
16.2
37
P6KE11
P6KE11C
P6KE11A
P6KE11CA
9.4
10.5
12
1
5
10
15.6
38
P6KE11A
P6KE11CA
P6KE12
P6KE12C
9.72
10.8
13
1
5
5
17.3
35
P6KE12
P6KE12C
P6KE12A
P6KE12CA
10.2
11.4
13
1
5
5
16.7
36
P6KE12A
P6KE12CA
P6KE13
P6KE13C
10.5
11.7
14
1
1
1
19
32
P6KE13
P6KE13C
P6KE13A
P6KE13CA
11.1
12.4
14
1
1
1
18.2
33
P6KE13A
P6KE13CA
P6KE15
P6KE15C
12.1
13.5
16.5
1
1
1
22
27
P6KE15
P6KE15C
P6KE15A
P6KE15CA
12.8
14.3
15.8
1
1
1
21.2
28
P6KE15A
P6KE15CA
P6KE16
P6KE16C
12.9
14.4
17.6
1
1
1
23.5
26
P6KE16
P6KE16C
P6KE16A
P6KE16CA
13.6
15.2
16.8
1
1
1
22.5
27
P6KE16A
P6KE16CA
P6KE18
P6KE18C
14.5
16.2
19.8
1
1
1
26.5
23
P6KE18
P6KE18C
P6KE18A
P6KE18CA
15.3
17.1
18.9
1
1
1
25.2
24
P6KE18A
P6KE18CA
P6KE20
P6KE20C
16.2
18
22
1
1
1
29.1
21
P6KE20
P6KE20C
P6KE20A
P6KE20CA
17.1
19
21
1
1
1
27.7
22
P6KE20A
P6KE20CA
P6KE22
P6KE22C
17.8
19.8
24.2
1
1
1
31.9
19
P6KE22
P6KE22C
P6KE22A
P6KE22CA
18.8
20.9
23.1
1
1
1
30.6
20
P6KE22A
P6KE22CA
P6KE24
P6KE24C
19.4
21.6
26.4
1
1
1
34.7
17
P6KE24
P6KE24C
P6KE24A
P6KE24CA
20.5
22.8
25.2
1
1
1
33.2
18
P6KE24A
P6KE24CA
P6KE27
P6KE27C
21.8
24.3
29.7
1
1
1
39.1
15
P6KE27
P6KE27C
P6KE27A
P6KE27CA
23.1
25.7
28.4
1
1
1
37.5
16
P6KE27A
P6KE27CA
P6KE30
P6KE30C
24.3
27
33
1
1
1
43.5
14
P6KE30
P6KE30C
P6KE30A
P6KE30CA
25.6
28.5
31.5
1
1
1
41.4
14.4
P6KE30A
P6KE30CA
P6KE33
P6KE33C
26.8
29.7
36.3
1
1
1
47.7
12.6
P6KE33
P6KE33C
P6KE33A
P6KE33CA
28.2
31.4
34.7
1
1
1
45.7
13.2
P6KE33A
P6KE33CA
P6KE36
P6KE36C
29.1
32.4
39.6
1
1
1
52
11.6
P6KE36
P6KE36C
P6KE36A
P6KE36CA
30.8
34.2
37.8
1
1
1
49.9
12
P6KE36A
P6KE36CA
P6KE39
P6KE39C
31.6
35.1
42.9
1
1
1
56.4
10.6
P6KE39
P6KE39C
P6KE39A
P6KE39CA
33.3
37.1
41
1
1
1
53.9
11.2
P6KE39A
P6KE39CA
P6KE43
P6KE43C
34.8
38.7
47.3
1
1
1
61.9
9.6
P6KE43
P6KE43C
P6KE43A
P6KE43CA
36.8
40.9
45.2
1
1
1
59.3
10.1
P6KE43A
P6KE43CA
P6KE47
P6KE47C
38.1
42.3
51.7
1
1
1
67.8
8.9
P6KE47
P6KE47C
P6KE47A
P6KE47CA
40.2
44.7
49.4
1
1
1
64.8
9.3
P6KE47A
P6KE47CA


Similar Part No. - P6KE160

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE160 PANJIT-P6KE160 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE160 YANGJIE-P6KE160 Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
P6KE160 YANGJIE-P6KE160 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE160 LUGUANG-P6KE160 Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE160 MICROSEMI-P6KE160 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE160

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P6KE-AU PANJIT-P6KE-AU Datasheet
229Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watt
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com